Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 16Page - Linear Technology LTC4258 Datasheet HTML 17Page - Linear Technology LTC4258 Datasheet HTML 18Page - Linear Technology LTC4258 Datasheet HTML 19Page - Linear Technology LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC4258
20
4258p
APPLICATIO S I FOR ATIO
SERIAL DIGITAL INTERFACE
The LTC4258 communicates with a host (master) using
the standard 2-wire interface as described in the SMBus
Specification Version 2.0 (available at http://smbus.org).
The SMBus is an extension of the I2C bus, and the
LTC4258 is also compatible with the I2C bus standard. The
Timing Diagrams (Figures 5 through 9) show the timing
relationship of the signals on the bus. The two bus lines,
SDA and SCL, must be high when the bus is not in use.
External pull-up resistors or current sources, such as the
LTC1694 SMBus accelerator, are required on these lines.
If the SDA and SCL pull-ups are absent, not connected to
the same positive supply as the LTC4258’s VDD pin, or are
not activated when the power is applied to the LTC4258, it
is possible for the LTC4258 to see a START condition on
the I2C bus. The interrupt pin (INT) is only updated
between I2C transactions. Therefore if the LTC4258 sees
a START condition when it powers up because the SCL and
SDA lines were left floating, it will not assert an interrupt
(pull INT low) until it sees a STOP condition on the bus. In
a typical application the I2C bus will immediately have
traffic and the LTC4258 will see a STOP so soon after
power up that this momentary condition will go unnoticed.
Isolating the Serial Digital Interface
IEEE 802.3af requires that network segments be electri-
cally isolated from the chassis ground of each network
interface device. However, the network segments are not
required to be isolated from each other provided that the
segments are connected to devices residing within a
single building on a single power distribution system.
For simple devices such as small powered Ethernet
switches, the requirement can be met by using an iso-
lated power supply to power the entire device. This
implementation can only be used if the device has no
electrically conducting ports other than twisted-pair
Ethernet. In this case, the SDAIN and SDAOUT pins of the
LTC4258 can be connected together to act as a standard
I2C/SMBus SDA pin.
If the device is part of a larger system, contains serial
ports, or must be referenced to protective ground for
some other reason, the Power over Ethernet subsystem
including the LTC4258s must be electrically isolated
from the rest of the system. The LTC4258 includes
separate pins (SDAIN and SDAOUT) for the input and
output functions of the bidirectional data line. This eases
the use of optocouplers to isolate the data path between
the LTC4258s and the system controller. Figure 15
shows one possible implementation of an isolated inter-
face. The SDAOUT pin of the LTC4258 is designed to
drive the inputs of an optocoupler directly, but a standard
I2C device typically cannot. U1 is used to buffer I2C
signals into the optocouplers from the system controller
side. Schmitt triggers must be used to prevent extra
edges on transitions of SDA and SCL.
Bus Addresses and Protocols
The LTC4258 is a read-write slave device. The master can
communicate with the LTC4258 using the Write Byte,
Read Byte and Receive Byte protocols. The LTC4258’s
primary serial bus address is (010A3A2A1A0)b, as desig-
nated by pins AD3-AD0. All LTC4258s also respond to the
address (0110000)b, allowing the host to write the same
command into all of the LTC4258s on a bus in a single
transaction. If the LTC4258 is asserting (pulling low) the
INT pin, it will also acknowledge the Alert Response
Address (0001100)b using the receive byte protocol.
Figure 14. LTC4258 Current Sense and Limits
0mA
0mV
100mA
CURRENT
RS = 0.5Ω
DC DIS-
CONNECT
CUT
(ICUT)
LIMIT
(ILIM)
SHORT
CIRCUIT
EFFECT
SENSE
n
VOLTAGE
50mV
200mA
100mV
300mA
150mV
400mA
200mV
500mA
250mV
600mA
300mV
CURRENT
LIMIT
PORT OFF IN tICUT
OR tSTART
CURRENT LIMIT
IN 1
µs
NORMAL
OPERATION
PORT OFF IN tDIS
4258 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com