Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 3Page - Maxim Integrated Products MAX4366 Datasheet HTML 4Page - Maxim Integrated Products MAX4366 Datasheet HTML 5Page - Maxim Integrated Products MAX4366 Datasheet HTML 6Page - Maxim Integrated Products MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
_______________________________________________________________________________________
7
OUTPUT POWER vs. LOAD
LOAD RESISTANCE (
Ω)
1k
100
10
10k
50
100
150
200
250
0
THD+N = 10%
AV = 20V/V
THD+N = 1%
AV = 2V/V
VCC = 3V
f = 1kHz
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
150
100
50
100
200
300
400
500
0
0
200
RL = 16
Ω
VCC = 5V
AV = 2V/V
RL = 32
Ω
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
50
100
150
200
0
80
60
40
20
0
100
RL = 32
Ω
RL = 16
Ω
VCC = 3V
AV = 2V/V
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
50
100
150
200
0
40
30
20
10
050
VCC = 5V
AV = 2V/V
SINGLE ENDED
RL = 16
Ω
RL = 32
Ω
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
10k
1k
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
-180
100
100M
VCC = 5V
AV = 1000V/V
SINGLE ENDED
NO LOAD
GAIN
PHASE
Typical Operating Characteristics (continued)
(Bridge-Tied Load, THD+N Bandwidth = 22Hz to 22kHz, CBIAS = 1µF.)
OUTPUT POWER vs. LOAD
LOAD RESISTANCE (
Ω)
1k
100
50
100
150
200
250
300
350
400
450
0
10
10k
THD+N = 10%
AV = 20V/V
THD+N = 1%
AV = 2V/V
VCC = 5V
f = 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com