Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products MAX4366 Datasheet HTML 12Page - Maxim Integrated Products MAX4366 Datasheet HTML 13Page - Maxim Integrated Products MAX4366 Datasheet HTML 14Page - Maxim Integrated Products MAX4366 Datasheet HTML 15Page - Maxim Integrated Products MAX4366 Datasheet HTML 16Page - Maxim Integrated Products MAX4366 Datasheet HTML 17Page - Maxim Integrated Products MAX4366 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Ordering Information (continued)
PART
TEMP RANGE
PIN/BUMP-
PACKAGE
TOP
MARK
MAX4367EBL-T -40°C to +85°C
8 UCSP-8
AAL
MAX4367EKA-T -40°C to +85°C
8 SOT23-8
AAIP
MAX4367EUA
-40°C to +85°C
8 µMAX
—
MAX4367ETA
-40°C to +85°C
8 Thin QFN-EP*
AAB
MAX4368EBL-T -40°C to +85°C
8 UCSP-8
AAM
MAX4368EKA-T -40°C to +85°C
8 SOT23-8
AAIQ
MAX4368EUA
-40°C to +85°C
8 µMAX
—
MAX4368ETA
-40°C to +85°C
8 Thin QFN-EP*
AAA
*EP = Exposed paddle.
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
14
______________________________________________________________________________________
VCC
OUT+
IN-
1
2
8
7
OUT-
GND
BIAS
IN+
SHDN
SOT23/
µMAX/THIN QFN
TOP VIEW
3
4
6
5
MAX4366
MAX4367
MAX4368
Pin Configurations (continued)
PART
GAIN
MAX4366
External
MAX4367
2V/V
MAX4368
3V/V
Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com