Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4366 Datasheet HTML 1Page - Maxim Integrated Products MAX4366 Datasheet HTML 2Page - Maxim Integrated Products MAX4366 Datasheet HTML 3Page - Maxim Integrated Products MAX4366 Datasheet HTML 4Page - Maxim Integrated Products MAX4366 Datasheet HTML 5Page - Maxim Integrated Products MAX4366 Datasheet HTML 6Page - Maxim Integrated Products MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, RL =
∞, RIN = RF = 30kΩ, CBIAS = 1µF to GND, SHDN = GND, IN+ = BIAS, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PO = 60mW, RL = 16
Ω
0.04
Total Harmonic Distortion Plus
Noise
THD+N
AV = -2V/V, f = 1kHz
(MAX4366)
(Notes 9 and 10)
PO = 120mW, RL = 32
Ω
0.02
0.15
%
Noise
f = 10kHz, referred to input
20
nV/
√Hz
To VCC
185
Short-Circuit Current
ISC
To GND
215
mA
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
10
°C
Power-Up Time
tPU
60
ms
Shutdown Time
tSHDN
20
ms
Enable Time from Shutdown
tENABLE
60
ms
Note 1: Continuous power dissipation must also be observed.
Note 2: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits only the use of the solder profiles recom-
mended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and convection reflow.
Preheating is required. Hand or wave soldering is not allowed.
Note 3: All specifications are 100% tested at TA = +25°C; temperature limits are guaranteed by design.
Note 4: Quiescent power-supply current is specified and tested with no load on the outputs. Quiescent power-supply current
depends on the offset voltage when a practical load is connected to the amplifier.
Note 5: Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
Note 6: Differential voltage gain for the MAX4366 is specified as an open-loop parameter because external resistors are used to set
the closed-loop gain. The MAX4367/MAX4368 contain internal feedback resistors that preset the differential voltage gain.
Differential voltage gain is defined as (VOUT+ - VOUT-) / (VIN - VBIAS). All gains are specified over an output voltage range of
0.6V
≤ VOUT ≤ 4.4V.
Note 7: Specification applies to either output. An amplifier peak output current of 87mA is required to support an output load power
of 60mW for a 16
Ω load, or 120mW for a 32Ω load.
Note 8: Output power specifications are inferred from the output current test. For 60mW into a 16
Ω load, IOUT(PEAK) is 87mA and
VOUT(P-P) is 1.39V per amplifier. For 120mW into a 32
Ω load, IOUT(PEAK) is 87mA and VOUT(P-P) is 2.77V per amplifier.
Note 9: Guaranteed by design. Not production tested.
Note 10: Measurement bandwidth for THD+N is 20Hz to 20kHz.
Note 11: Power-up and shutdown times are for the output to reach 90% of full scale with CBIAS = 1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com