Electronic Components Datasheet Search
  English  ▼

X  

DS189 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # DS189
Description  Double the flux in the same form factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS189 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  DS189 Datasheet HTML 1Page - Lumileds Lighting Company DS189 Datasheet HTML 2Page - Lumileds Lighting Company DS189 Datasheet HTML 3Page - Lumileds Lighting Company DS189 Datasheet HTML 4Page - Lumileds Lighting Company DS189 Datasheet HTML 5Page - Lumileds Lighting Company DS189 Datasheet HTML 6Page - Lumileds Lighting Company DS189 Datasheet HTML 7Page - Lumileds Lighting Company DS189 Datasheet HTML 8Page - Lumileds Lighting Company DS189 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS189 LUXEON CoB Core Range – High Density Product Datasheet 20180322 ©2018 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON CoB Core Range – High Density LEDs are tested and binned with a DC drive current specified below at a junction
temperature, T
j, of 85°C:
350mA
– LUXEON CoB 1202HD
700mA
– LUXEON CoB 1204HD
900mA
– LUXEON CoB 1205HD
Part Number Nomenclature
Part numbers for LUXEON CoB Core Range – High Density follow the convention below:
L 2 C 5 –
A A B B C C C C E D D F F
Where:
A A
– designates nominal CCT (22=2200K, 27=2700K, 30=3000K, 35=3500K, 40=4000K, 50=5000K,
57=5700K, 65=6500K)
B B
– designates minimum CRI (70=70CRI, 80=80CRI, 90=90CRI)
C C C C – designates product configuration (1202, 1204, 1205)
D D
– designates light emitting surface (LES) size (06=6mm, 09=9mm, 11=11mm)
F F
– designates options for product specification
Therefore, the following part number is used for a LUXEON CoB 1204, 3000K 80CRI, with a 9mm LES:
L 2 C 5 –
3 0 8 0 1 2 0 4 E 0 9 0 0
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON CoB Core
Range – High Density is compliant to the European Union directives on the restriction of hazardous substances in electronic
equipment, namely the RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add
the following restricted materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB)
or polybrominated diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com