Electronic Components Datasheet Search
  English  ▼

X  

DS189 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # DS189
Description  Double the flux in the same form factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS189 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  DS189 Datasheet HTML 1Page - Lumileds Lighting Company DS189 Datasheet HTML 2Page - Lumileds Lighting Company DS189 Datasheet HTML 3Page - Lumileds Lighting Company DS189 Datasheet HTML 4Page - Lumileds Lighting Company DS189 Datasheet HTML 5Page - Lumileds Lighting Company DS189 Datasheet HTML 6Page - Lumileds Lighting Company DS189 Datasheet HTML 7Page - Lumileds Lighting Company DS189 Datasheet HTML 8Page - Lumileds Lighting Company DS189 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IllumInatIon
No. E352519
DS189 LUXEON CoB Core Range – High Density Product Datasheet ©2018 Lumileds Holding B.V. All rights reserved.
Features and BeneFIts
PrImary aPPlIcatIons
Highest flux densities with industry’s smallest LES
Downlights
3-step MacAdam ellipse color definition: Freedom from Binning for color
consistency from luminaire to luminaire
Outdoor
Up to 4x lower thermal resistance than competition, enabling smaller
heatsinks and higher lumens
Spotlights
Supported by a comprehensive optical, mechanical and electrical ecosystem
luXeon coB core
range – High density
Double the flux in the same form factor
LUXEON CoB Core Range – High Density focuses on achieving the highest
Center Beam Candle Power (CBCP). With a focus on 6, 9 and 11mm Light
Emitting Surfaces, we can cover a flux range as high as 8,000 lumens.
Using the mechanical dimensions of our LUXEON CoB Core Range, the
High Density range will also benefit from the ability to utilize existing an
ecosystem of holders, optics and drivers.


Similar Part No. - DS189

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DS18 BANNER-DS18 Datasheet
751Kb / 5P
DS18 Series Sensors
logo
Bridgelux, Inc.
DS180 BRIDGELUX-DS180 Datasheet
1Mb / 17P
EB Series™ Square
06/2019
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
Dual Inverting Log Gain/Attenuator
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
More results

Similar Description - DS189

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK75TAE SEMIKRON-SK75TAE Datasheet
794Kb / 3P
Thyristor and Diode separated in the same housing
logo
List of Unclassifed Man...
MINI-M4 ETC2-MINI-M4 Datasheet
1Mb / 16P
The whole Stellaris짰 development board fitted in DIP40 form factor, containing powerful LX4F320H5QR microcontroller.
logo
STMicroelectronics
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
Lumileds Lighting Compa...
DS163 LUMILEDS-DS163 Datasheet
1Mb / 15P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
PB189 LUMILEDS-PB189 Datasheet
1Mb / 2P
Double the flux in the same form factor
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com