Electronic Components Datasheet Search
  English  ▼

X  

DS189 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # DS189
Description  Double the flux in the same form factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS189 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button DS189 Datasheet HTML 6Page - Lumileds Lighting Company DS189 Datasheet HTML 7Page - Lumileds Lighting Company DS189 Datasheet HTML 8Page - Lumileds Lighting Company DS189 Datasheet HTML 9Page - Lumileds Lighting Company DS189 Datasheet HTML 10Page - Lumileds Lighting Company DS189 Datasheet HTML 11Page - Lumileds Lighting Company DS189 Datasheet HTML 12Page - Lumileds Lighting Company DS189 Datasheet HTML 13Page - Lumileds Lighting Company DS189 Datasheet HTML 14Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS189 LUXEON CoB Core Range – High Density Product Datasheet 20180322 ©2018 Lumileds Holding B.V. All rights reserved.
12
Packaging Information
LUXEON CoB Core Range – High Density LEDs are packaged in tubes then in a carton box. Each tube contains a specified number
of LEDs. The LEDs in each tube come from a single category code, ensuring they are all well-matched for light output, color,
and forward voltage. Each tube contains a rubber stopper at one end. The tube label has both alphanumeric and bar code
information. The carton boxes have printed information providing part numbers with CAT codes that indicate luminous flux, color
and forward voltage bins.
Table 6 . Number of LEDs per tube for LUXEON CoB Core Range – High Density .
Part numBer
total unIts Per tuBe
total tuBes Per Inner BoX
total unIts Per Inner BoX
L2C5-xxxx1202EH600
20
5
100
L2C5-xxxx1204E0900
20
5
100
L2C5-xxxx1205E1100
20
5
100
Tube Dimensions
Figure 9a . Tube dimensions for L2C5-xxxx1202EH600 .
Figure 9c . Tube dimensions for L2C5-xxxx1205E1100 .
Figure 9b . Tube dimensions for L2C5-xxxx1204E0900 .
Notes for Figures 9a, 9b and 9c:
1. Drawings not to scale.
2. All dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com