Electronic Components Datasheet Search
  English  ▼

X  

MSK5985RH Datasheet(PDF) 1 Page - Anaren Microwave

Part # MSK5985RH
Description  RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5985RH Datasheet(HTML) 1 Page - Anaren Microwave

  MSK5985RH Datasheet HTML 1Page - Anaren Microwave MSK5985RH Datasheet HTML 2Page - Anaren Microwave MSK5985RH Datasheet HTML 3Page - Anaren Microwave MSK5985RH Datasheet HTML 4Page - Anaren Microwave MSK5985RH Datasheet HTML 5Page - Anaren Microwave MSK5985RH Datasheet HTML 6Page - Anaren Microwave MSK5985RH Datasheet HTML 7Page - Anaren Microwave MSK5985RH Datasheet HTML 8Page - Anaren Microwave MSK5985RH Datasheet HTML 9Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
RAD HARD POSITIVE,
1.9A, LDO, SINGLE RESISTOR
ADJ VOLTAGE REGULATOR
FEATURES:
• Manufactured using
Space Qualified RH3083 Die
• MIL-PRF-38534 Class K Processing & Screening
• Total Dose Hardened to 300 Krads(Si) (Method 1019.7 Condition A)
• Low Dropout to 310mV (VIN - VOUT, with Seperate Control Supply)
• Output Adjustable to Zero Volts
• Internal Short Circuit Current Limit
• Output Voltage is Adjustable with 1 External Resistor
• Output Current Capability to 1.9A
• Internal Thermal Overload Protection
• Outputs may be Paralleled for Higher Current
• Contact MSK for MIL-PRF-38534 Qualification and Radiation Status
DESCRIPTION:
The MSK5985RH offers low dropout down to 310mV and an output voltage range down to zero volts while offering
radiation tolerance for space applications. This, combined with the low qJC, allows increased output current while providing
exceptional device efficiency. Output voltage is selected by the user through the use of 1 external resistor. Additionally, the
regulator offers internal short circuit current and thermal limiting, which allows circuit protection and eliminates the need for
external components and excessive derating. The MSK5985RH is hermetically sealed in a space efficient 5 pin SIP, that is
electrically isolated from the internal circuitry allowing for direct heat sinking.
1 VIN
2 CONTROL
3 VOUT
4 SENSE
5 SET
• High Efficiency Linear Regulators
• Constant Voltage/Current Regulators
• Space System Power Supplies
• Switching Power Supply Post Regulators
• Very low Voltage Power Supplies
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
8548-143 Rev. E 12/17
5985RH
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
CASE = ISOLATED


Similar Part No. - MSK5985RH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5980HRHG ANAREN-MSK5980HRHG Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980KRHG ANAREN-MSK5980KRHG Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980VRHG ANAREN-MSK5980VRHG Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5983HRHG ANAREN-MSK5983HRHG Datasheet
610Kb / 9P
RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results

Similar Description - MSK5985RH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5979RH MSK-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5984RH MSK-MSK5984RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
MSK5965RH ANAREN-MSK5965RH Datasheet
429Kb / 7P
RAD HARD POSITIVE 0.9A, LOW NOISE, LDO ADJ VOLTAGE REGULATOR
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
MSK5978RH ANAREN-MSK5978RH Datasheet
1Mb / 9P
RAD HARD POSITIVE 0.7A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5979RH ANAREN-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5983RH ANAREN-MSK5983RH Datasheet
610Kb / 9P
RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5984RH ANAREN-MSK5984RH Datasheet
539Kb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5986RH ANAREN-MSK5986RH Datasheet
486Kb / 7P
RAD HARD POSITIVE, 2.8A, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com