Electronic Components Datasheet Search
  English  ▼

X  

MSK5985RH Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK5985RH
Description  RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5985RH Datasheet(HTML) 2 Page - Anaren Microwave

  MSK5985RH Datasheet HTML 1Page - Anaren Microwave MSK5985RH Datasheet HTML 2Page - Anaren Microwave MSK5985RH Datasheet HTML 3Page - Anaren Microwave MSK5985RH Datasheet HTML 4Page - Anaren Microwave MSK5985RH Datasheet HTML 5Page - Anaren Microwave MSK5985RH Datasheet HTML 6Page - Anaren Microwave MSK5985RH Datasheet HTML 7Page - Anaren Microwave MSK5985RH Datasheet HTML 8Page - Anaren Microwave MSK5985RH Datasheet HTML 9Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VIN
Input Voltage............................................ +18V, -0.3V
PD Power Dissipation................................... Internally Limited
No Overload or Short............................... +23V, -0.3V
TJ Junction Temperature............................................ +150°C
VCONTROL Control Pin Voltage............................................. ±28V
TST Storage Temperature Range................... -65°C to +150°C
IOUT
Output Current..................................................... 3.0A
TLD Lead Temperature Range
ISET
Set Pin Current ............................................... ±25mA
(10 Seconds)........................................................... 300°C
VSET
Set Pin Voltage................................................... ±10V
TC Case Operating Temperature
MSK5985RH.......................................... -40°C to +85°C
MSK5985K/H RH................................. -55°C to +125°C
ESD Rating............................................................ Class 2
10
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
Parameter
Test Conditions 1 11
Group A
Subgroup
MSK 5985K/H RH
MSK 5985RH
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Set Pin Current
(ISET)
VCONTROL=VIN=3.0V VOUT=1.0V 5mA ≤ ILOAD ≤ 1.9A
1
49.5
50
50.5
49.5
50
50.5
µA
2, 3
49
-
51.5
-
-
-
µA
Post Radiation
1
49
-
51
49
-
51
µA
Output Offset Voltage
(VOS)
VCONTROL=VIN=3.0V VOUT=1.0V
ILOAD=5mA
1
-4.5
0
4.5
-4.5
0
4.5
mV
2, 3
-6
-
6
-
-
-
mV
Load Regulation
VCONTROL=VIN=3.0V VOUT=0V 5mA ≤ ILOAD ≤ 1.9A
(Δ VOS)
1, 2, 3
-4
1
4
-4
-
4
mV
(Δ ISET)
1, 2, 3
-300
-60
+300
-300
-60
+300
nA
(Δ VOS) SENSE PIN=NC
1, 2, 3
-
8
-
-
8
-
mV
Line Regulation
ΔVIN=2V TO 24V ΔVCONTROL=3V TO 24V
VOUT=0V
ILOAD=5mA
(Δ VOS)
1, 2, 3
-0.05
-
0.05
-0.05
-
0.05
mV/V
(Δ ISET)
1, 2, 3
-10
1
+10
-10
1
+10
nA/V
VIN Dropout Voltage
VOUT=1.0V ILOAD=1.9A VCONTROL=3.0V
1
-
265
700
-
265
700
mV
2, 3
-
-
800
-
-
-
mV
Control Pin Dropout Voltage
VOUT=1.0V ILOAD=1.9A VIN=3.0V
1
-
1.25
1.55
-
1.25
1.55
V
2, 3
-
-
1.65
-
-
-
V
Control Pin Current
VIN=2.0V
VOUT=1.0V
VCONTROL=3.0V
ILOAD = 100mA
1, 2, 3
-
5.5
11
-
5.5
11
mA
ILOAD = 1.9A
1, 2, 3
-
50
100
-
50
100
mA
Current Limit
9
VCONTROL=VIN=5.0V VOUT=1.0V
1, 2, 3
1.9
2.3
-
1.9
2.3
-
A
SENSE PIN=NC
1, 2, 3
-
2.9
-
-
2.9
-
A
Minimum Load Current 6
VCONTROL=VIN=23V
-
-
-
1
-
-
1
mA
Ripple Rejection 2
F=120Hz ΔVIN=0.5VPP IOUT=0.1A
CSET = 0.1µF
-
-
85
-
-
85
-
dB
Output Noise 2
VIN=VCONTROL=3V, IOUT=500mA
10Hz to 100KHz
CSET = 0.1µF
-
-
40
-
-
40
-
µVRMS
Thermal Resistance 2
Junction to Case @ 125°C
-
-
2.7
3.2
-
2.7
3.2
°C/W
7
7
8
7
NOTES:
1
Output is decoupled to ground using a 220µF tantalum low ESR capacitor in parallel with 3 pieces of 1.0µF and one 0.1µF ceramic capacitor unless otherwise
specified. Sense pin connected to VOUT unless otherwise specified. (See Figure 1).
2
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
3
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
4
Class H and K devices shall be 100% tested to subgroups 1, 2 and 3.
5
Subgroup 1
TA = TC = +25°C
Subgroup 2
TA = TC = +125°C
Subgroup 3
TA = TC = -55°C
6
Minimum load current verified while testing line regulation.
7
Voltage is measured with respect to VOUT.
8
Set pin is clamped to VOUT with diodes in series with 1KΩ resistors. Current will flow under transient conditions.
9
Reference the current limit typical performance curve for output current capability versus voltage drop.
10
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
11
Pre and Post irradiation limits at 25°C, up to 300 Krad(Si) TID, are identical unless otherwise specified.
2
8548-143 Rev. E 12/17
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com