Electronic Components Datasheet Search
  English  ▼

X  

MSK5985RH Datasheet(PDF) 3 Page - Anaren Microwave

Part # MSK5985RH
Description  RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5985RH Datasheet(HTML) 3 Page - Anaren Microwave

  MSK5985RH Datasheet HTML 1Page - Anaren Microwave MSK5985RH Datasheet HTML 2Page - Anaren Microwave MSK5985RH Datasheet HTML 3Page - Anaren Microwave MSK5985RH Datasheet HTML 4Page - Anaren Microwave MSK5985RH Datasheet HTML 5Page - Anaren Microwave MSK5985RH Datasheet HTML 6Page - Anaren Microwave MSK5985RH Datasheet HTML 7Page - Anaren Microwave MSK5985RH Datasheet HTML 8Page - Anaren Microwave MSK5985RH Datasheet HTML 9Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LOW DROPOUT OPERATION
Using separate VIN and CONTROL power supplies allows for lower
dropout and improved efficiency. Figure 2 shows the MSK5985RH
output transistor collector is connected to the VIN pin. The regulator
control circuitry is powered by the CONTROL input. The dropout of
the regulator is determined by the saturation voltage of the output
transistor, typical 300mV at 1.9A ILOAD. The CONTROL supply must
supply the base drive current for the output transistor. The CONTROL
current minus the 50µA SET current is supplied to the load. See the
Typical Performance Characteristics curves for expected VIN dropout
voltage, CONTROL pin dropout voltage and current requirements
under various conditions. With separate supplies for VIN and
CONTROL, power dissipation is reduced and efficiency improves.
FIGURE 2
ADDITIONAL STABILITY
A capacitor placed in parallel with the SET pin resistor to ground,
will improve the output transient response and filter noise in the
system. To reduce output noise, typically 500-1000pF is required.
Capacitors up to 1µF can be used, however consideration must be
given to the effect the time constant created will have on the startup
time.
APPLICATION NOTES
OUTPUT VOLTAGE
A single resistor (RSET) from the SET pin to ground creates the
reference voltage for the internal Error Amplifier. The MSK5985RH
SET pin supplies a constant current of 50uA that develops the
reference voltage. The output voltage is simply RSET x 50uA. Since
the output is internally driven by a unity-gain amplifier, an alternative
to using RSET is to connect a high quality reference source to the
SET pin. With a minimum load requirement of 1mA on the Output, the
Output Voltage can be adjusted to near 0V. To bring the output voltage
to 0V, the load must be connected to a slightly negative voltage supply
to sink the 1mA minimum load current from a 0V output.
FIGURE 1
INPUT CAPACITANCE
Pins 3-8 are the connection to the collector of the power device
of the MSK5985RH. Output load current is supplied through these
pins. Minimum input capacitance for these devices is 10uF. Low ESR,
ceramic input capacitors are acceptable for applications without long
input leads. For applications with long input leads, the self inductance
of the wires can cause instability. Care must be taken to minimize the
inductance of the input wires. This can be accomplished through the
use of series resistance or higher ESR input capacitors. A minimum
of 10uF of low ESR tantalum bulk capacitance in parallel with low
value ceramic decoupling capacitance is recommended.
CONTROL PIN
The control pin is the bias supply for the control circuitry of the
MSK5985RH. Minimum input capacitance on the control pin is 2.2uF.
Approximately 1.7% of the output current flows into this pin. For
proper regulation, the control pin voltage must be 1.6V greater than
the output voltage. (See Control Dropout Voltage Specification).
OUTPUT CAPACITANCE
For stability purposes, the MSK5985RH requires a minimum output
capacitor of 10µF with an ESR of 0.5Ω or less. Tantalum or ceramic
capacitors are recommended. A larger capacitance value will improve
transient response for increased load current changes. Consideration
must also be given to temperature characteristics of the capacitors
used.
3
8548-143 Rev. E 12/17



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com