Electronic Components Datasheet Search
  English  ▼

X  

MSK6000RH Datasheet(PDF) 1 Page - Anaren Microwave

Part # MSK6000RH
Description  RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK6000RH Datasheet(HTML) 1 Page - Anaren Microwave

  MSK6000RH Datasheet HTML 1Page - Anaren Microwave MSK6000RH Datasheet HTML 2Page - Anaren Microwave MSK6000RH Datasheet HTML 3Page - Anaren Microwave MSK6000RH Datasheet HTML 4Page - Anaren Microwave MSK6000RH Datasheet HTML 5Page - Anaren Microwave MSK6000RH Datasheet HTML 6Page - Anaren Microwave MSK6000RH Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The MSK6000RH is a radiation hardened dual 5A high side switch module with a current sensing output. Each switch is
independently controlled with 5V logic and can switch up to 5A maximum current. Each switch has its own independent
ground reference. The current monitor outputs provide a simple method for monitoring the current in each switch. The
device is designed for space applications where quality, performance and low weight are a must. The MSK6000RH is
packaged in a hermetic 26 pin flatpack.
M.S.KENNEDY CORP.
FEATURES:
DESCRIPTION:
EQUIVALENT SCHEMATIC
1
2
3
4
5
6
7
8
9
VINA
VINA
VINA
VINA
VCCA
IMONA
CASE
VINB
VINB
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
1
RAD HARD DUAL
HIGH SIDE DRIVER
WITH CURRENT SENSE
Manufactured using
RH 6105 Dice
Radiation Hardened to 100Krad(Si) (Method 1019 Condition A)
100V RAD HARD MOSFETs
Dual Configuration
Low Profile Surface Mount Flatpack
12V to 44V Input Voltage Range
5V to 36V VCC Supply Range
5A Max. Rating for Rad Hard Switches
Contact MSK for MIL-PRF-38534 Qualification Status
High Side Switch Drivers
High Level Switching
Space Applications
Circuit Breaker
6000RH
18
17
16
15
14
13
12
11
10
VOUTB
VOUTB
VOUTB
CTLB
GNDB
IMONB
VCCB
VINB
VINB
26
25
24
23
22
21
20
19
VOUTA
VOUTA
VOUTA
VOUTA
CTLA
GNDA
CASE
VOUTB
8548-114 Rev. F 10/14


Similar Part No. - MSK6000RH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600B ANAREN-MSK600B Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600_15 Datasheet
200Kb / 4P
Ultra Low Quiescent Current - 짹15mA for High Voltage
More results

Similar Description - MSK6000RH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
logo
STMicroelectronics
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense
18-Sep-2013
VND5E008AY-E STMICROELECTRONICS-VND5E008AY-E Datasheet
971Kb / 39P
Double channel high-side driver with analog current sense
25-Oct-2013
logo
Anaren Microwave
MSK496RH ANAREN-MSK496RH Datasheet
589Kb / 7P
RAD HARD QUAD PRECISION RAIL TO RAIL CURRENT SENSE AMP
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
RHRPM4423 STMICROELECTRONICS-RHRPM4423 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com