Electronic Components Datasheet Search
  English  ▼

X  

MSK6000RH Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK6000RH
Description  RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK6000RH Datasheet(HTML) 2 Page - Anaren Microwave

  MSK6000RH Datasheet HTML 1Page - Anaren Microwave MSK6000RH Datasheet HTML 2Page - Anaren Microwave MSK6000RH Datasheet HTML 3Page - Anaren Microwave MSK6000RH Datasheet HTML 4Page - Anaren Microwave MSK6000RH Datasheet HTML 5Page - Anaren Microwave MSK6000RH Datasheet HTML 6Page - Anaren Microwave MSK6000RH Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
44V
36V
150°C
6.0V
5A
VIN
ABSOLUTE MAXIMUM RATINGS
VIN
VCC
TJ
VCTL
IOUT
VOUT
1
2
3
4
5
6
Unless otherwise specified the following test conditions shall apply: VCC=VIN=+28V, IMON Resistor=5KΩ to ground. Parameter
applies to each channel seperately.
Parameter, if not tested shall be guaranteed to the specified limits in table 1.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle.
Pre and Post irradiation limits at 25°C, up to 100 Krad(Si) TID, are identical unless otherwise specified.
Includes internal sense resistor.
NOTES:
Input Voltage
Positive Supply Voltage
Junction Temperature
Control Input Voltage
Ouput Current
Output Voltage
ELECTRICAL SPECIFICATIONS
2
4
-55°C to +150°C
265°C
-40°C to +85°C
-55°C to +125°C
Class 1B
TC
Storage Temperature Range
Lead Temperature
(Soldering, 10 Seconds)
Case Operating Temperature
MSK6000RH
MSK6000(K/H)RH
ESD Rating
TS
TL
8548-114 Rev. F 10/14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com