Electronic Components Datasheet Search
  English  ▼

X  

MSK6000RH Datasheet(PDF) 3 Page - Anaren Microwave

Part # MSK6000RH
Description  RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK6000RH Datasheet(HTML) 3 Page - Anaren Microwave

  MSK6000RH Datasheet HTML 1Page - Anaren Microwave MSK6000RH Datasheet HTML 2Page - Anaren Microwave MSK6000RH Datasheet HTML 3Page - Anaren Microwave MSK6000RH Datasheet HTML 4Page - Anaren Microwave MSK6000RH Datasheet HTML 5Page - Anaren Microwave MSK6000RH Datasheet HTML 6Page - Anaren Microwave MSK6000RH Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Radiation performance curves for TID testing have
been generated for all radiation testing performed by
MS Kennedy. These curves show performance trends
throughout the TID test process and are located in the
MSK6000RH radiation test report. The complete ra-
diation test report is available in the RAD HARD PROD-
UCTS section on the MSK website.
APPLICATION NOTES
TOTAL DOSE RADIATION TEST
PERFORMANCE
VIN - The VIN pins are connected to sources of
MOSFETs. They provide the voltage supply that is
switched to the output pins. High di/dt can be present
at these pins during switch on and off transitions.
Decoupling capacitors are recommended to minimize
voltage spikes.
VOUT - The VOUT pins connect to drains of internal
MOSFETs and are the device power outputs.
CTL - The CTL pins connect to the high side switch
enabling circuits. When a logic high voltage is present,
the high side switches turn on passing power from
VIN to VOUT. The CTL pin threshold has no hysterisis.
It operates in a linear region between 2.0V typical (OFF)
and 2.7V typical (ON) at 25°C, 1.3V typical (OFF)
and 2.2V typical (ON) at 125°C, and 2.6V typical
(OFF) and 3.0V typical (ON) at -55°C. Input signals
with fast transitions are recommended to prevent ex-
cessive power dissipation.
IMON - The IMON pins connect to the output of the
internal RH6105 current sense amplifiers. Voltage drop
across internal current sense resistor is amplified and a
scaled current is sourced from the IMON pin. The ratio
of IMON current to source current is 0.20mA/A. When
terminated with a 5KΩ resistor the output voltage is
1V/A.
GND - The GND pins are the reference for each driver
circuit. Each channel has it's own ground. The control
input signals and current sense outputs are referenced
to the respective grounds.
VCC - The VCC pins power the current sense amplifier.
The VCC pins should be connected to low impedance
positive supply source.
CASE - The CASE connection pins provide an electri-
cal connection to the MSK6000RH package. They are
electrically isolated from the internal circuitry.
TYPICAL APPLICATION CIRCUIT
HIGH VIN APPLICATION CIRCUIT
PIN FUNCTIONS
8548-114 Rev. F 10/14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com