Electronic Components Datasheet Search
  English  ▼

X  

SIC437 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC437
Description  Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC437 Datasheet HTML 4Page - Vishay Siliconix SIC437 Datasheet HTML 5Page - Vishay Siliconix SIC437 Datasheet HTML 6Page - Vishay Siliconix SIC437 Datasheet HTML 7Page - Vishay Siliconix SIC437 Datasheet HTML 8Page - Vishay Siliconix SIC437 Datasheet HTML 9Page - Vishay Siliconix SIC437 Datasheet HTML 10Page - Vishay Siliconix SIC437 Datasheet HTML 11Page - Vishay Siliconix SIC437 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S18-0030-Rev. B, 15-Jan-18
8
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Output Undervoltage Protection (UVP)
UVP is implemented by monitoring output through VFB pin.
If the voltage level at VFB goes below 0.54 V for more than
25 μs, then a UVP event is recognized and both HS and LS
MOSFETs are turned off. After a period of 20 soft start
cycles, the IC attempts to re-start and goes through a soft
start cycle. If the fault condition still exists, the above cycle
will be repeated.
UVP is only active after the completion of soft-start
sequence.
Output Overvoltage Protection (OVP)
For OVP implementation, output is monitored through FB
pin. After soft start, if the voltage level at FB is above 20 %
(typ.), OVP is triggered with both the HS and LS MOSFETs
turned off. Normal operation is resumed once FB voltage
drops back to 0.672 V.
OVP is active immediately after VDD passes UVLO level.
Over-Temperature Protection (OTP)
SiC43x has internal thermal monitor block that turns off both
HS and LS FETs when junction temperature is above 150 °C
(typ). A hysteresis of 35 °C is implemented, so when junction
temperature drops below 115 °C, the device restarts by
initiating soft-start sequence again.
Sequencing of Input / Output Supplies
SiC43x has no sequencing requirements on any of its
input / output (VIN, VDRV, VDD, EN) supplies or enables. In
cases with input voltages below 4.5 V the VDD and VDRV pins
must be biased first (> 5.3 V).
Enable
The SiC43x has an enable pin to turn the part on and off.
Driving this pin high enables the device, while grounding it
turns it off.
The SiC43x enable has a weak pull down to prevent
unwanted turn on due to a floating GPIO.
There
are
no
sequencing
requirements
w.r.t
other
input / output supplies.
Pre-Bias Start-Up
In case of pre-bias startup, output is monitored through FB
pin. If the sensed voltage on FB is higher than the internal
reference ramp value, control logic prevents HS and LS FET
from switching to avoid negative output voltage spike and
excessive current sinking through LS FET.
Fig. 8 - Pre-Bias Start-Up
Power Good
SiC43x’s power good is an open-drain output. Pull PGOOD
pin high up to 5 V through a 10K resistor to use this signal.
Power good window is shown in the below diagram. If
voltage level on FB pin is out of this window, PG signal is
de-asserted by pulling down to GND. To prevent false
triggering during transient events, PGOOD has a 25 μs
blanking time.
Fig. 9 - PGOOD Window and Timing Diagram
1.52 ms
1.57 ms
1.56 ms
1.55 ms
1.54 ms
1.53 ms
3.0 V
1.0 V
2.5 V
1.5 V
2.0 V
6.0 V
-1.5 V
3.0 V
0 V
1.5 V
V
OUT
H
DRV
L
DRV
20 to 40 clock cycles
4.5 V
Vref (0.6 V)
VFB
VFB_Rising_Vth_OV
(typ. = 0.72 V)
VFB_Falling_Vth_OV
(typ. = 0.672 V)
VFB_Falling_Vth_UV
(typ. = 0.54 V)
VFB_Rising_Vth_UV
(typ. = 0.5775 V)
PG
Pull-high
Pull-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com