Electronic Components Datasheet Search
  English  ▼

X  

SIC437 Datasheet(PDF) 19 Page - Vishay Siliconix

Part # SIC437
Description  Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 19 Page - Vishay Siliconix

Back Button SIC437 Datasheet HTML 15Page - Vishay Siliconix SIC437 Datasheet HTML 16Page - Vishay Siliconix SIC437 Datasheet HTML 17Page - Vishay Siliconix SIC437 Datasheet HTML 18Page - Vishay Siliconix SIC437 Datasheet HTML 19Page - Vishay Siliconix SIC437 Datasheet HTML 20Page - Vishay Siliconix SIC437 Datasheet HTML 21Page - Vishay Siliconix SIC437 Datasheet HTML 22Page - Vishay Siliconix SIC437 Datasheet HTML 23Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S18-0030-Rev. B, 15-Jan-18
19
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Step 5: Signal Routing
1. Separate the small analog signal from high current path.
As shown above, the high paths with high dv/dt, di/dt are
placed on the left side of the IC, while the small control
signals are placed on the right side of the IC. All the
components for small analog signal should be placed
closer to IC with minimum trace length
2. Pin16 is considered as IC analog ground, which should
have single connection to power ground. The AGND
ground plane connected with pin16 helps to keep AGND
quite and improve noise immunity
3. The output signal can be routed through inner layer.
Make sure this signal is far away from VSWH node and
shielded by an inner ground layer
Step 6: Thermal Management
1. Thermal relief vias can be added on the VIN and PGND
pads to utilize inner layers for high current and thermal
dissipation
2. To achieve better thermal performance, additional vias
can be put on VIN and PGND plane. It’s also necessary to
duplicate the VIN and ground plane at bottom layer to
maximize the power dissipation capability from PCB
3. VSWH pad is a noise source and not recommended to put
vias on this pad
4. 8 mil drill for pads and 10 mils drill for plane can be the
optional via size. The vias on pad may drain solder
during assembly and cause assembly issue. Please
consult with the assembly house for guideline
Step 7: Ground Connection
1. In order to minimize the ground voltage drop due to high
current, it is recommended to put vias on the both side
of the IC of the PGND pin. Make use of the inner ground
layers to lower the impedance
Step 7: Ground Layer
1. It is recommended to make the whole inner 1 layer (next to top
layer) ground plane
2. This ground plane provides shielding between noise source
on top layer and signal trace within inner layer
3. The Ground plane can be broken into two section as
PGND and AGND
PGND
AGND
plane
V
o
u
t
s
i
g
n
a
l
VIN Plane
PGND Plane
VSWH
Vias
Vias
PGND Plane
AGND Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com