Electronic Components Datasheet Search
  English  ▼

X  

CG6 Datasheet(PDF) 3 Page - Littelfuse

Part # CG6
Description  The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG6 Datasheet(HTML) 3 Page - Littelfuse

  CG6 Datasheet HTML 1Page - Littelfuse CG6 Datasheet HTML 2Page - Littelfuse CG6 Datasheet HTML 3Page - Littelfuse CG6 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Gas Discharge Tubes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/12/17
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Device Dimensions
Product Marking
Type CodeProduction Year
Code (Lasr Digit)
Production Month
Code
A 6 A
0.5 ± 0.2
4.0 ± 0.2
TOP VIEW
PROFILE VIEW
TOP VIEW
5.0
3.5
1.3
Recommended Soldering Pad Layout
Dimensions in millimeters
CG6 Series
Type Code
A
CG675
B
CG690
S
CG6145
D
CG6230
R
CG6250
E
CG6300
G
CG6350
I
CG6400
P
CG6470
V
CG6600
Month Code
A
January
B
February
C
March
D
April
E
May
F
June
G
July
H
August
I
September
J
October
K
November
L
December



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com