Electronic Components Datasheet Search
  English  ▼

X  

CG6 Datasheet(PDF) 1 Page - Littelfuse

Part # CG6
Description  The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG6 Datasheet(HTML) 1 Page - Littelfuse

  CG6 Datasheet HTML 1Page - Littelfuse CG6 Datasheet HTML 2Page - Littelfuse CG6 Datasheet HTML 3Page - Littelfuse CG6 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Gas Discharge Tubes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/12/17
Description
The Littelfuse CG6 series GDT is a miniature surface-
mount device with a 3kA 8/20 surge rating. This
ITU-T K.12 Class 1, Type 1 GDT provides protection
against fast rising transients typically caused by
nearby lightning events. Its low insertion loss and
thus low off-state capacitance makes it compatible
with high bandwidth applications up to the GHz
RF range. This GDT’s crowbarring characteristic
protects sensitive ICs from surges as defined in ITU
K.20/21/45 Basic and Enhanced Recommendations,
GR-1089-CORE first level lightning Port Type 1,3, and
5, and IEC 61000-4-5, 2nd edition Level 5 and below. It
is hermetically sealed using non-radioactive materials
and is thus environmentally safe.
Features
• RoHS compliant and
Lead-free
• Excellent Surge
Withstanding Capability
• Excellent response to
fast rising transients.
• Ultra Low Insertion
Loss and low off-state
capacitance for GHz
bandwidth compatibility
• 3kA 8/20µs surge
capability
• Compact SMD package
offered in two squared
terminals
• Non-Radioactive
• Ultra Low capacitance
(<0.3pF)
• Voltage Range 75V to
600V
• UL recognized
• Characterized according
to ITU-T K.12 as a Class
X, Type 1 GDT
Applications
• Broadband equipment
• CATV/Broadband
equipment
• Data lines and Ethernet
(up to 10GbE)
• xDSL equipment,
including ADSL2, ADSL,
VDSL, VDSL2 30a
bandplan compatible
• IAD (Integrated Access
Device)
• Set Top Box (STB)
• General telecom
equipment
• Embedded Multimedia
Terminal Adapter
(EMTA)
• RF Connector
• Multimedia over Coax
Alliance (MoCA)
• Base Station RF
antenna transmitter
• G.Fast 106MHz and
212 MHz bandplans
compatible
• Aerospace and
Automotive
AGENCY
AGENCY FILE NUMBER
E128662
E320116
Agency Approvals
CG6 Series
RoHS
Two Electrode GDT Graphical Symbol
CG6 Series
Additional Information
Datasheet
Samples
Resources
CG5 Series
Samples


Similar Part No. - CG6

ManufacturerPart #DatasheetDescription
logo
Electrolube
CG60 ELECTROLUBE-CG60 Datasheet
321Kb / 3P
Contact Grease
Revision 2: Aug 2016
logo
Schurter Inc.
CG60.6101.151 SCHURTER-CG60.6101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CG60.6101.151 SCHURTER-CG60.6101.151 Datasheet
635Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
logo
Cornell Dubilier Electr...
CG601T250V3C CDE-CG601T250V3C Datasheet
264Kb / 2P
Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CG601T250V3C CDE-CG601T250V3C Datasheet
1Mb / 3P
Reliable Screw Terminal Aluminum Electrolytic Capacitor
More results

Similar Description - CG6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
a miniature surface mount Watch
10/10/06
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
The Littelfuse SMOV thermally protected varistor is a self-protected device.
logo
List of Unclassifed Man...
NJM2406F-TE1 ETC-NJM2406F-TE1 Datasheet
157Kb / 4P
The NJM2406 is a single comparator of ultra miniature surface mount package.
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
The PM6670S device is a complete
14-Nov-2008
logo
Littelfuse
CG7 LITTELFUSE-CG7 Datasheet
704Kb / 4P
The Littelfuse CG7 series GDT is a miniature surface mount device with a 1kA 8/20關S surge rating
160 LITTELFUSE-160 Datasheet
719Kb / 3P
The 160 Series product is a metal fuse clip with pre-installed Littelfuse 443 Series Fuse
461 LITTELFUSE-461 Datasheet
654Kb / 4P
The Littelfuse 461 Series TeleLink짰 Surface Mount, Surge Resistant Fuse
SM20 LITTELFUSE-SM20 Datasheet
720Kb / 4P
The Littelfuse 20mm SMD Series is a surface-mount metal oxide varistor device
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
The Littelfuse SPUSB1 Series is a multifunctional USB port protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com