Electronic Components Datasheet Search
  English  ▼

X  

CG6 Datasheet(PDF) 4 Page - Littelfuse

Part # CG6
Description  The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG6 Datasheet(HTML) 4 Page - Littelfuse

  CG6 Datasheet HTML 1Page - Littelfuse CG6 Datasheet HTML 2Page - Littelfuse CG6 Datasheet HTML 3Page - Littelfuse CG6 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gas Discharge Tubes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/12/17
Part Numbering System and Ordering Information
Taping and Reel Specifications
CG6 XXX SM
Breakdown Voltage
Lead Option Code
75 = 75V
90 = 90V
145 = 145V
230 = 230V
250 = 250V
300 = 300V
350 = 350V
400 = 400V
470 = 470V
600 = 600V
Series
CG6
SM (Surface Mount,
Two Square Terminals)
330±4.0
>1.5
15 Typ.
100 Typ.
Packaging Quantity:
2000 pcs per reel (13”)
1 reels per inner box
10 inners box per carton
20,000 pcs per full carton
W
F
E
P2
P0
P
D
Unit = mm
Item
Spec
Item
Spec
P
8.0 ± 0.1
E
1.75 ± 0.1
P0
4.0 ± 0.1
D
1.50 + 0.1/-0.0
P2
2.0 ± 0.1
B0
4.5 ± 0.1
W
12.0 ± 0.3
K0
3.9 ± 0.1
F
5.5 ± 0.1
T
0.4 ± 0.1
A0
3.9 ± 0.1
10P0
4.0 ± 0.2
T
B0
K0
A0
CG6 Series
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete
Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com