Electronic Components Datasheet Search
  English  ▼

X  

SESD Datasheet(PDF) 2 Page - Littelfuse

Part # SESD
Description  SESD Series Ultra Low Capacitance Diode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SESD Datasheet(HTML) 2 Page - Littelfuse

  SESD Datasheet HTML 1Page - Littelfuse SESD Datasheet HTML 2Page - Littelfuse SESD Datasheet HTML 3Page - Littelfuse SESD Datasheet HTML 4Page - Littelfuse SESD Datasheet HTML 5Page - Littelfuse SESD Datasheet HTML 6Page - Littelfuse SESD Datasheet HTML 7Page - Littelfuse SESD Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/11/17
TVS Diode Arrays (SPA®Diodes)
SESD Series Ultra Low Capacitance Diode Arrays
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Absolute Maximum Ratings
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature
(Soldering 20-40s)
260
°C
Electrical Characteristics - (T
OP=25°C)
Parameter
Test Conditions
Min
Typ
Max
Units
Input Capacitance
@ V
R = 0V, f = 3GHz
0.20
0.22
pF
Breakdown Voltage
V
BR @ IT=1mA
9.00
V
Reverse Working Voltage
7.0
V
Reverse Leakage Current
I
L @ VRWM=5.0V
25
50
nA
Clamping Voltage
V
CL @ IPP=2.0A
9.20
V
Peak Pulse Current
t
P=8/20μs
2.0
A
ESD Withstand Voltage
IEC61000-4-2 (Contact)
±20
kV
IEC61000-4-2 (Air)
±20
Insertion Loss Diagram
1.E+06
1.E+07
1.E+08
1.E+10
Frequency (Hz)
1.E+09
-20.0
0
-10.0
-5.0
-15.0
-25.0
-30.0
Insertion Loss Diagram - 1103 DFN Array
1.E+06
1.E+07
1.E+08
1.E+10
Frequency (Hz)
1.E+09
-20.0
0
-10.0
-5.0
-15.0
-25.0
-30.0
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
2.0
A
T
OP
Operating Temperature
-55 to 125
°C
T
STOR
Storage Temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com