Electronic Components Datasheet Search
  English  ▼

X  

SESD Datasheet(PDF) 1 Page - Littelfuse

Part # SESD
Description  SESD Series Ultra Low Capacitance Diode Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SESD Datasheet(HTML) 1 Page - Littelfuse

  SESD Datasheet HTML 1Page - Littelfuse SESD Datasheet HTML 2Page - Littelfuse SESD Datasheet HTML 3Page - Littelfuse SESD Datasheet HTML 4Page - Littelfuse SESD Datasheet HTML 5Page - Littelfuse SESD Datasheet HTML 6Page - Littelfuse SESD Datasheet HTML 7Page - Littelfuse SESD Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/11/17
TVS Diode Arrays (SPA®Diodes)
SESD Series Ultra Low Capacitance Diode Arrays
Applications
• USB 3.1, 3.0, 2.0
• HDMI 2.0, 1.4a, 1.3
• DisplayPort(TM)
• V-by-One®)
• Thunderbolt
• LVDS interfaces
• Consumer, mobile and
portable electronics
• Tablet PC and external
storage with high speed
interfaces
• Applications requiring
high ESD performance in
small packages
Pinout
Bottom View
1
2 3.G 4
5
10 9 8.G
7
6
12
3
1
2
3
4
5
6
G
1
2
3
4
G
Functional Block Diagram
2
3
1
2
G, 3, 8
1
5
4
2
G
1
4
3
6
5
SESD Series Ultra Low Capacitance Diode Arrays
1103 DFN array
0802 DFN array
Description
The SESD series Ultra Low Capacitance Diode Arrays
provides signal integrity-preserving unidirectional ESD
protection for the world’s most challenging high speed
serial interfaces. Compelling packaging options including
the standard 2.5mmx1.0mm layout, the SOD883, and
board space-friendly 0802 and 1103 DFN minimize trace
layout complexity, save significant PCB space. Providing
in excess of 20kV contact ESD protection (IEC61000-4-2)
while maintaining extremely low leakage and dynamic
resistance, offered in the industry’s most progressive and
soon to be popular footprints, the SESD series sets higher
standards for signal integrity and usability.
Features
ELV
RoHS Pb GREEN
• 0.20pF TYP capacitance
• ESD, IEC61000-4-2,
±20kV contact, ±20kV air
• Low clamping voltage
of 9.2V @ I
PP=2.0A
(t
P=8/20μs)
• Low profile DFN array
packages
• Facilitates excellent signal
integrity
• AEC-Q101 qualified (1004)
• ELV Compliant
• RoHS Compliant and Lead
Free
0802/1004 DFN array
0402 DFN array
1004 DFN array
ACE-Q101 qualified)
0402 DFN array
1103 DFN array
Additional Information
Datasheet
Samples
Resources


Similar Part No. - SESD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
ESD Protector Overvoltage Protection Device
logo
Littelfuse
SESD0201P LITTELFUSE-SESD0201P Datasheet
829Kb / 6P
ChipSESD family of Silicon ESD devices
SESD0201P1BN-0400-090 LITTELFUSE-SESD0201P1BN-0400-090 Datasheet
829Kb / 6P
ChipSESD family of Silicon ESD devices
logo
Tyco Electronics
SESD0201X1BN-0010-098 MACOM-SESD0201X1BN-0010-098 Datasheet
1Mb / 9P
Single-channel Silicon ESD Protection Devices
More results

Similar Description - SESD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0522P SEMTECH-RCLAMP0522P Datasheet
621Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4 Datasheet
375Kb / 4P
Ultra Low Capacitance TVS Arrays
logo
Bruckewell Technology L...
ESDF5V4 BWTECH-ESDF5V4 Datasheet
1Mb / 4P
Ultra Low Capacitance TVS Arrays
logo
StarHope
TUSD05K7U SPSEMI-TUSD05K7U Datasheet
562Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Shanghai Leiditech Elec...
ULC0568M LEIDITECH-ULC0568M Datasheet
256Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
ULC3306MB LEIDITECH-ULC3306MB Datasheet
262Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
ULC0544T LEIDITECH-ULC0544T Datasheet
2Mb / 10P
Ultra Low Capacitance TVS Arrays
logo
Littelfuse
SP0402U-ULC-02ETG LITTELFUSE-SP0402U-ULC-02ETG Datasheet
902Kb / 5P
TVS Diode Array Ultra Low Capacitance Diode Arrays Series
Revised: 03/23/20
SC1004U-ULC-04UTG LITTELFUSE-SC1004U-ULC-04UTG Datasheet
493Kb / 5P
Ultra Low Capacitance Diode Arrays
2022 Littelfuse, Inc.
logo
Protek Devices
PAM02SD23XX PROTEC-PAM02SD23XX Datasheet
570Kb / 7P
ultra LOW CAPACITANCE TVS ARRAYs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com