Electronic Components Datasheet Search
  English  ▼

X  

AP8111 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP8111
Description  TruBass Audio Enhancement Processor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP8111 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP8111 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P
A
ASP
AP8111
7 Application circuit
AP8111
NC
NC
NC
U1
4
18
25
13
BYPASS
7
CB1
5
CB1A
6
CB1B
12
CB2
11
CB2A
10
CB2B
23
CB3
22
CB3A
21
CB3B
15
CL1
26
CL2A
24
CL2B
20
COMPC1
17
COMPC2
14
COMPI
16
FOUT
8
GND
2
LIN
1
LOUT
27
RIN
28
ROUT
9
TBGAIN
19
VCC
3
VREF
J4
1
2
3
4
5
6
7
8
J3
1
2
3
4
5
6
7
8
R18
22.1K
R19
2.32K
R21
8.87K
R20
37.4K
R8
13K
R7
56.2K
R6
3.09K
R5
21K
R2
4.53K
R1
31.6K
R10
33K
R22
300K
R12
10K
R11
100K
J1
JP2
1
2
C3
4.7U
C1
4.7U
C4
4.7U
C2
4.7U
C17
0.01U
C19
0.1U
C6
0.1U
C10
4.7U
C14
10U
C16
10U
C15
10U
C9
0.1U
0dB
open
1-2 +6dB
jumper set for gain control
3-4, 7-8
J4
3-4, 7-8
J4
3-4, 7-8
J3
1-2, 5-6
J3
Large
1-2, 5-6
J3
1-2, 5-6
J4
Medium
Small
Speaker Setting
10K variable resistor
PUNCH CONTROL
Power Down
Bypass
TruBass
2 - 3
open
1 - 2
jumper set for operating mode
VCC
Tolerance all resistors are ±1%, capacitors are ±10%
Revision 2.4
15 April., 2002
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com