Electronic Components Datasheet Search
  English  ▼

X  

AP8111 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AP8111
Description  TruBass Audio Enhancement Processor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP8111 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AP8111 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P
A
ASP
AP8111
Revision 2.4
15 April., 2002
5
8 Recommended Operating Condition
The following is the recommended operating conditions for the TruBass analog processor
Symbol
Parameter
Min
Max
Unit
VCC
DC supply voltage
4.75
5.25
Volts
Vi
DC input voltage range
-0.3
VCC+0.3
Volts
Vo
DC output voltage range
0
VCC
Volts
Tamb
Operating ambient temperature range
0
70
°C
9 DC Electrical Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vcc
Chip supply voltage
4.75
5
5.25
V
Icc
Operating current
Vcc = 5.0
10
mA
Ipd
Power down supply current
Vcc = 5.0
25
50
uA
Rin
Left/Right input impedance
10
kΩ
Vref
Analog reference voltage
2.02
2.25
2.48
V
Rload
Resistance load at Left/Right output
10
kΩ
Cload
Capacitance load at Left/Right
output
50
pF
Vil
Digital input logic low
0.3
V
Vmid
Mid-level for Tri-level logic
If floated, internal
reference will ensure
Vmid
Vcc/2 –
10%
Vcc/2
Vcc/2 +
10%
V
Vih
Digital input logic high
Vcc – 0.3
V
Ileak
Digital input leakage ( except
TBGAIN )
Vcc = 5.0
-10
10
uA
10 AC Electrical Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Freq
Audio signal operating frequency
20
20000
Hz
Vrli
Audio input signal level (0dB level
reference)
Inputs AC coupled
1
Vrms
Vrlo
Audio output level
Rload = 10kΩ
1
Vrms
Gerror
Output gain error
Bypass mode, input
signal @ 0dB 1kHz
-0.5
0.5
dB
SNR
Signal to noise ratio
Bypass mode /A-
weighted, input signal @
-60dB 1kHz
80
dB
THD
Total harmonic distortion
Bypass mode
Input @ 0dB 1kHz
1
%
Xtalk
Channel Crosstalk
Bypass mode
-70
dB
Comp
TruBass Compressor Ratio
Punch at maximum gain
2:1
Rate
Attack to decay time constant ratio Absolute value set by
external capacitor
10:1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com