Electronic Components Datasheet Search
  English  ▼

X  

AP8111 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP8111
Description  TruBass Audio Enhancement Processor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP8111 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP8111 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P
A
ASP
AP8111
PRELIMINARY
TruBass Audio Enhancement Processor
1 Overview
The AP8111 is a bass enhancement processor based on SRS Labs, Inc.’s patented TruBass technology. TruBass is a
revolutionary psychoacoustic bass enhancement technology that provides deep, rich bass to small speakers without the need
for a subwoofer or additional extra physical components. Deep bass now becomes possible even through speakers with
limitations in driver and cabinet design. TruBass circuitry actively monitors the low-frequency content of an audio signal
and optimizes the frequency and amplitude spectrum of the output signal to enhance bass perception. For systems with a
subwoofer, TruBass complements and enhances bass performance.
TruBass is therefore most suitable for applications that use small size speakers yet need to deliver the best audio quality or
home theatre effect: Mini or Micro Stereo Sound Systems, TV, CD, Boombox, Car Audio, DVD Receiver, Set-Top-Box, and
other compact hi-fi systems such as Discman, MD, MP3 player, as well as PCs.
2 Features
Operating Voltage 4.75V to 5.25V
Low Operation Current 10mA typ
Power down and Bypass mode selection
Analog switch for mode and gain control
External adjustment for speaker size setting (small, medium and large)
Bipolar Technology
Chip Package
28 pins SOP
The TruBass technology rights in the AP8111 are owned by SRS Labs, a United States. Corporation and licensed to ASP
Microelectronics Ltd. TruBass is protected under US and foreign patents issues and/or pending. TruBass and the
symbol
are trademarks of SRS Labs, Inc. in the United State and selected foreign countries. Neither the purchase of the AP8111, nor the
corresponding sale of audio enhancement equipment conveys the right to sell commercialized recordings made with any SRS
technology. SRS Labs requires all set makers to comply with all rules and regulations as outlined in the SRS Trademark Usage
Manual separately provided.
For further information, please contact:
SRS Labs, Inc.
2909 Daimler Street, Santa Ana, CA 92705 USA
Tel: 949-442-1070
Fax: 949-852-1099
http://www.srslabs.com
[CAUTION]
The information in this publication is believed
to be accurate in all respects at the time of
publication but is subject to change without
notice. ASP Microelectronics Ltd. assumes no
responsibility for errors and omissions, and
disclaims responsibility for any consequences
resulting from the use of information included
herein. Additionally, ASP Microelectronics Ltd.
assumes no responsibility for the functioning of
undocumented features or parameters.
ASP Microelectronics Ltd.
Unit 218, 2/F., Tech Centre,
72 Tat Chee Ave., Kowloon Tong, Hong Kong
Tel:(852) 2797 3288
Fax: (852) 2797 3112
http://www.asp.com.hk
Revision 2.4
15 April., 2002
1


Similar Part No. - AP8111

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP8 ALTECH-AP8 Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
Wuxi Chipown Micro-elec...
AP8003 CHIPOWN-AP8003 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
AP8003TBC-R1 CHIPOWN-AP8003TBC-R1 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
AP8003ZAC-T1 CHIPOWN-AP8003ZAC-T1 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
logo
AiT Semiconductor Inc.
AP8010 AITSEMI-AP8010 Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
More results

Similar Description - AP8111

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2192A NJRC-NJM2192A Datasheet
160Kb / 16P
SRS TruBass Bass Enhancement Processor
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
AUDIO PROCESSOR with SOUND ENHANCEMENT
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
AUDIO PROCESSOR
NJM2708 NJRC-NJM2708 Datasheet
124Kb / 8P
Sound Enhancement Audio Processor for Compression Audio
NJM2707 NJRC-NJM2707 Datasheet
122Kb / 6P
Sound Enhancement Audio Processor for Compression Audio
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com