Electronic Components Datasheet Search
  English  ▼

X  

DMW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DMW
Description  Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DMW Datasheet HTML 1Page - Wall Industries,Inc. DMW Datasheet HTML 2Page - Wall Industries,Inc. DMW Datasheet HTML 3Page - Wall Industries,Inc. DMW Datasheet HTML 4Page - Wall Industries,Inc. DMW Datasheet HTML 5Page - Wall Industries,Inc. DMW Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
FEATURES
● 1500VDC Isolation
● 4:1 Ultra Wide Input Range
● Six-Sided Shielding
● UL 94V-0 Package Material
● Efficiency up to 86%
● UL60950-1 Safety Approval
● MTBF > 700,000 Hours
● Complies with EN55022 Class A
● Internal SMT Construction
● Positive Remote On/Off Control (Optional)
DESCRIPTION
The DMW series of DC/DC converters provide up to 15 watts in a 2 x 1 x 0.4 inch package. These converters operate over 4:1 wide input voltage ranges of 9-36VDC
and 18-75VDC. This series also has single and dual output models available. These converters feature efficiency up to 86%, positive remote ON/OFF (optional),
six-sided shielding, 1500VDC isolation, and short circuit protection. This series is ideal for data communication equipment, mobile battery driven equipment,
process/machine control equipment, telecommunication equipment, computer peripheral systems, distributed power systems, mixed analog/digital subsystems, and
industrial robot systems. The EN55022 Class A conducted noise compliance minimizes design time, cost, and eliminates the need for external filter components.
SPECIFICATIONS: DMW Ultra Wide Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
24V nominal input models
9
24
36
VDC
48V nominal input models
18
48
75
VDC
Start Voltage
24V nominal input models
8
8.5
9
VDC
48V nominal input models
15
17
18
VDC
Under Voltage Shutdown
24V nominal input models
7
8
8.5
VDC
48V nominal input models
13
15
17
VDC
Reverse Polarity Input Current
1
A
Short Circuit Input Power
3500
mW
Input Surge Voltage (1000ms)
24V nominal input models
-0.7
50
VDC
48V nominal input models
-0.7
100
VDC
Input Filter
Pi Filter
OUTPUT (Vo)
Output Voltage Range
See Table
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Load Regulation
Io = 10% to 100%
±0.5
±1.0
%
Line Regulation
Vin = min. to max.
±0.1
±0.5
%
Output Power
15
W
Output Current Range
See Table
Ripple & Noise (peak to peak)
20MHz bandwidth
55
80
mVpk-pk
Ripple & Noise (peak to peak)
Over Line, Load, and Temperature
100
mVpk-pk
Ripple & Noise
15
mVrms
Transient Recovery Time (See Note 1)
25% load step change
300
500
μs
Transient Response Deviation
25% load step change
±2
±4
%
POSITIVE REMOTE ON/OFF (See Note 5)
Supply On
2.5 to 5.5VDC or Open Circuit
Supply Off
-0.7
0.8
VDC
Standby Input Current
10
mA
Control Input Current (On)
Vin – RC = 5.0V
50
mA
Control Input Current (Off)
Vin – RC = 0V
-1
mA
Control Common
Referenced to negative input
PROTECTION
Over Power Protection
120
%
Short Circuit Protection
Continuous
Input Fuse Recommendation
24V nominal input models
2500mA Slow-Blow Type
48V nominal input models
1250mA Slow-Blow Type
GENERAL
Efficiency
See Table
Switching Frequency
290
330
400
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
1200
1500
pF
Internal Power Dissipation
5,000
mW
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+60
°C
Operating Temperature (Case)
-40
+100
°C
Storage Temperature
-50
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
RFI
Six-sided shielding, metal case
Temperature Coefficient
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
700,000 hours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
1.13oz (32g)
Dimensions
2.0 x 1.0 x 0.4 inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with non-conductive baseplate
Flammability
UL94V-0


Similar Part No. - DMW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
15.3 Watts DC/DC Converters
logo
Adam Technologies, Inc.
DMW-C-F-R ADAM-TECH-DMW-C-F-R Datasheet
58Kb / 1P
CRIMP THEMINAL TIN PLATED
DMW-XX ADAM-TECH-DMW-XX Datasheet
78Kb / 1P
WIRE TO WIRE SYSTEM
logo
FranMar International I...
DMW03 FRANMAR-DMW03 Datasheet
175Kb / 1P
3Watts DIP Type DC - DC Converter
DMW03-41 FRANMAR-DMW03-41 Datasheet
175Kb / 1P
3Watts DIP Type DC - DC Converter
More results

Similar Description - DMW

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
Single and dual output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
Single and Dual Output
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
Single and Dual Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
SINGLE and DUAL Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
Single and Dual Output
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
Single and Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com