Electronic Components Datasheet Search
  English  ▼

X  

DMW Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DMW
Description  Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DMW Datasheet HTML 1Page - Wall Industries,Inc. DMW Datasheet HTML 2Page - Wall Industries,Inc. DMW Datasheet HTML 3Page - Wall Industries,Inc. DMW Datasheet HTML 4Page - Wall Industries,Inc. DMW Datasheet HTML 5Page - Wall Industries,Inc. DMW Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
MECHANICAL DRAWING
STANDARD
WITH HEATSINK
Unit: inches (mm)
Unit: inches (mm)
*Add the suffix “RC” to the part number for Remote On/Off option
The DMW Series converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical characteristics over a
wide temperature range or in high humidity environments. The encapsulant and unit case are both rated to UL 94V-0 flammability specifications. Leads
are tin plated for improved solderability.
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
*Positive Remote ON/OFF (Optional)
1. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
2. Pin: ±0.002 (±0.05)
The Advantages of adding a Heatsink:
1. To help heat dissipation and increase the stability and reliability of DC/DC
converters at high operating temperature atmosphere.
2. To upgrade the operating temperature of DC/DC converters, please refer
to the Derating Curve.
0.402 (10.20)
Side
0.24 (6.0)
0.40 (10.2)
3
4
5
Bottom
1
2
6
0.200 (50.8)
0.40 (10.2)
1.00 (25.4)
0.402 (10.20)
0.1 (2.5)
1.22 (31.0) max
Heatsink
Thermal Pad
Clamp
Converter
0.68 (17.2) max
1. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
2. Pin: ±0.002 (±0.05)
Heatsink Specifications
Heatsink Material: Aluminum
Finish: Anodic treatment (black)
Weight: 0.07oz (2g)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com