Electronic Components Datasheet Search
  English  ▼

X  

DMW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DMW
Description  Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DMW Datasheet HTML 1Page - Wall Industries,Inc. DMW Datasheet HTML 2Page - Wall Industries,Inc. DMW Datasheet HTML 3Page - Wall Industries,Inc. DMW Datasheet HTML 4Page - Wall Industries,Inc. DMW Datasheet HTML 5Page - Wall Industries,Inc. DMW Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
Efficiency vs Input Voltage (Single Output)
Efficiency vs Input Voltage (Dual Output)
Efficiency vs Output Load (Single Output)
Efficiency vs Output Load (Dual Output)
Derating Curve without Heatsink
Derating Curve with Heatsink
Low
Nom
High
100
90
80
70
60
50
Input Voltage (V)
Low
Nom
High
100
90
80
70
60
50
Input Voltage (V)
90
80
70
60
50
40
30
10
20
40
60
80
100
Load Current (%)
60
50
40
40
60
10
20
80
100
Load Current (%)
30
70
80
90
400LFM
100LFM
200LFM
Natural
Convection
100
80
60
40
20
0
~
-40
50
60
70
80
90
100
110
Ambient Temperature (°C)
100
80
60
40
20
0
~
-40
50
60
70
80
90
100
110
Ambient Temperature (°C)
400LFM
100LFM
200LFM
Natural
Convection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com