Electronic Components Datasheet Search
  English  ▼

X  

BDP1A Datasheet(PDF) 1 Page - Agere Systems

Part # BDP1A
Description  QUAD DIFFERENTIAL DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BDP1A Datasheet(HTML) 1 Page - Agere Systems

  BDP1A Datasheet HTML 1Page - Agere Systems BDP1A Datasheet HTML 2Page - Agere Systems BDP1A Datasheet HTML 3Page - Agere Systems BDP1A Datasheet HTML 4Page - Agere Systems BDP1A Datasheet HTML 5Page - Agere Systems BDP1A Datasheet HTML 6Page - Agere Systems BDP1A Datasheet HTML 7Page - Agere Systems BDP1A Datasheet HTML 8Page - Agere Systems BDP1A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
January 1999
Quad Differential Drivers
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Features
s
Pin-equivalent to the general-trade 26LS31 device,
with improved speed, reduced power consumption,
and significantly lower levels of EMI
s
Four line drivers per package
s
Meets ESDI standards
s
2.0 ns maximum propagation delay
s
Single 5.0 V
± 10% supply
s
Operating temperature range:
−40 °C to +125 °C
(wider than the 41 Series)
s
400 Mbits/s maximum data rate
s
Logic to convert TTL input logic levels to differen-
tial, pseudo-ECL output logic levels
s
No line loading when VCC = 0 (BDG1A, BDP1A
only)
s
High output driver for 50
Ω loads
s
<0.2 ns output skew (typical)
s
On-chip 220
Ω loads available
s
Third-state outputs available
s
Surge-protection to ±60 V for 10 ms available
(BPNGA, BPNPA, BPPGA)
s
Available in four package types
s
ESD performance better than the 41 Series
s
Lower power requirement than the 41 Series
Description
These quad differential drivers are TTL input-to-
pseudo-ECL-differential-output used for digital data
transmission over balanced transmission lines. All
devices in this family have four drivers with a single
enable control in a common package. These drivers
are compatible with many receivers, including the
Agere Systems Inc. 41 Series receivers and trans-
ceivers. They are pin equivalent to the general-trade
26LS31, but offer increased speed, decreased power
consumption, and significantly lower levels of electro-
magnetic interference (EMI). They replace the Agere
41 Series drivers.
The BDG1A device is the generic driver in this family
and requires the user to supply external resistors on
the circuit board for impedance matching.
The BDGLA is a low-power version of the BDG1A,
reducing the power requirement by more than one
half. The BDGLA features a 3-state output with a typ-
ical third-state level of 0.2 V.
The BDP1A is equivalent to the BDG1A but has
220
Ω termination resistors to ground on each driver
output. This eliminates the need for external pull-
down resistors when driving a 100
Ω impedance line.
The BPNGA and BPNPA are equivalent to the
BDG1A and BDP1A, respectively, except that a light-
ning protection circuit has been added to the driver
outputs. This circuit will absorb large transitions on
the transmission lines without destroying the device.
The BPPGA combines the features of the BPNGA
and BPNPA. Two of the gates have their outputs ter-
minated to ground through 220
Ω resistors while the
two remaining gates require external termination
resistors.
When the BDG1A and the BDP1A devices are pow-
ered down, the output circuit appears as an open cir-
cuit relative to the power supplies; hence, they will
not load the transmission line. For those circuits with
termination resistors, the line will remain impedance
matched when the circuit is powered down. The
BPNGA, BPNPA, BPPGA, and BDGLA will load the
transmission line, because of the protection circuit,
when the circuit is powered down.
The packaging options that are available for these
quad differential line drivers include a 16-pin DIP; a
16-pin, J-lead SOJ; a 16-pin, gull-wing SOIC; and a
16-pin, narrow-body, gull-wing SOIC.


Similar Part No. - BDP1A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BDP1A16E AGERE-BDP1A16E Datasheet
326Kb / 16P
Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
January 1999
BDP1A16E-TR AGERE-BDP1A16E-TR Datasheet
326Kb / 16P
Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
January 1999
BDP1A16G AGERE-BDP1A16G Datasheet
326Kb / 16P
Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
January 1999
BDP1A16G-TR AGERE-BDP1A16G-TR Datasheet
326Kb / 16P
Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
January 1999
BDP1A16P AGERE-BDP1A16P Datasheet
326Kb / 16P
Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
January 1999
More results

Similar Description - BDP1A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com