Electronic Components Datasheet Search
  English  ▼

X  

BDP1A Datasheet(PDF) 5 Page - Agere Systems

Part # BDP1A
Description  QUAD DIFFERENTIAL DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BDP1A Datasheet(HTML) 5 Page - Agere Systems

  BDP1A Datasheet HTML 1Page - Agere Systems BDP1A Datasheet HTML 2Page - Agere Systems BDP1A Datasheet HTML 3Page - Agere Systems BDP1A Datasheet HTML 4Page - Agere Systems BDP1A Datasheet HTML 5Page - Agere Systems BDP1A Datasheet HTML 6Page - Agere Systems BDP1A Datasheet HTML 7Page - Agere Systems BDP1A Datasheet HTML 8Page - Agere Systems BDP1A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Agere Systems Inc.
5
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
Timing Characteristics
Table 4. Timing Characteristics (See Figures 2 and 3.)
For tP1 and tP2 propagation delays over the temperature range, see Figure 9.
Propagation delay test circuit connected to output (see Figure 6).
TA = –40 °C to +125 °C, VCC = 5 V
± 0.5 V.
*tP1 and tP2 are measured from the 1.5 V point of the input to the crossover point of the outputs (see Figure 2).
† CL = 5 pF. Capacitor is connected from each output to ground.
Parameter
Symbol
Min
Typ
Max
Unit
Propagation Delay:
Input High to Output†
tP1*
0.8
1.2
2.0
ns
Input Low to Output†
tP2*
0.8
1.2
2.0
ns
Capacitive Delay
∆tp
—
0.02
0.03
ns/pF
Disable Time (either E1 or E2):
High-to-high Impedance
tPHZ
4
8
12
ns
Low-to-high Impedance
tPLZ
4
8
12
ns
Enable Time (either E1 or E2):
High Impedance to High
tPZH
4
8
12
ns
High Impedance to Low
tPZL
4
8
12
ns
Output Skew, |tP1 – tP2|tskew1
—
0.1
0.3
ns
|tPHH – tPHL|, |tPLH – tPLL|tskew2
—
0.2
0.5
ns
Difference Between Drivers
∆tskew
——
0.3
ns
Rise Time (20%—80%)
ttLH
—
0.7
2
ns
Fall Time (80%—20%)
ttHL
—
0.7
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com