Electronic Components Datasheet Search
  English  ▼

X  

LCFE Datasheet(PDF) 2 Page - Littelfuse

Part # LCFE
Description  This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCFE Datasheet(HTML) 2 Page - Littelfuse

  LCFE Datasheet HTML 1Page - Littelfuse LCFE Datasheet HTML 2Page - Littelfuse LCFE Datasheet HTML 3Page - Littelfuse LCFE Datasheet HTML 4Page - Littelfuse LCFE Datasheet HTML 5Page - Littelfuse LCFE Datasheet HTML 6Page - Littelfuse LCFE Datasheet HTML 7Page - Littelfuse LCFE Datasheet HTML 8Page - Littelfuse LCFE Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
littelfuse.com
© 2018 Littelfuse
Revised: 03/01/18
Specifications are subject to change without notice.
1608mm Size
2012mm Size (LCFE201202A900TG, LCFE201202A121TG)
2012mm Size (LCFE201204A101TG)
3008mm Size
Item
Description
Source
Equipment
Rdc
Pin 1-8, 2-7,
3-6, 4-5
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 8-7(Short)
Pin 3-4(Short) to
Pin 6-5(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 9 or 10 to
Pin 1~4 or 5~8
5V DC
Source
Source Meter
Item
Description
Source
Equipment
Rdc
Pin 1-8, 2-7,
3-6, 4-5
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 8-7(Short)
Pin 3-4(Short) to
Pin 6-5(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 9 or 10 to
Pin 1~4 or 5~8
5V DC
Source
Source Meter
Item
Description
Source
Equipment
Rdc
Pin 1-12, 2-11,
3-10, 4-9, 5-8, 6-7
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 12-11(Short)
Pin 3-4(Short) to
Pin 10-9(Short)
Pin 5-6(Short) to
Pin 8-7(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 13 or 14 to Pin
1~6 or 7~12
5V DC
Source
Source Meter
Common Mode Noise Filter
LCFE Series
Pin1
Pin2
Pin3
Pin4
Pin8
Pin7
Pin6
Pin5
Pin9
Pin10
Pin1
Pin2
Pin3
Pin4
Pin6
Pin5
Item
Description
Source
Equipment
Rdc
Pin 1-3, 2-4
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 3-4(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 5 or 6 to
Pin 1,2,3,4
5V DC
Source
Source Meter
IR
CR
Pin 1-2 or
Pin 3-4
5V DC
Source
Source Meter
Pin1
Pin2
Pin3
Pin4
Pin8
Pin9
Pin10
Pin7
Pin6
Pin5
Pin1
Pin2
Pin3
Pin4
Pin6
Pin5
Pin8
Pin9
Pin10
Pin11
Pin12
Pin13
Pin14
Pin7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com