Electronic Components Datasheet Search
  English  ▼

X  

LCFE Datasheet(PDF) 1 Page - Littelfuse

Part # LCFE
Description  This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCFE Datasheet(HTML) 1 Page - Littelfuse

  LCFE Datasheet HTML 1Page - Littelfuse LCFE Datasheet HTML 2Page - Littelfuse LCFE Datasheet HTML 3Page - Littelfuse LCFE Datasheet HTML 4Page - Littelfuse LCFE Datasheet HTML 5Page - Littelfuse LCFE Datasheet HTML 6Page - Littelfuse LCFE Datasheet HTML 7Page - Littelfuse LCFE Datasheet HTML 8Page - Littelfuse LCFE Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
littelfuse.com
© 2018 Littelfuse
Revised: 03/01/18
Specifications are subject to change without notice.
LCFE Series
Description
This specification covers the engineering requirements for both Common Mode
Noise Filter (CMF) and ESD Protection, especially high speed differential serial
interfaces, such as USB 3.1, USB 3.0, MIPI D-PHY or HDMI.
Features
• Effective for suppressing common
mode noise and almost no effect for
high speed differential data line
• Differential mode cut-off frequency
up to 10.5GHz at -3dB
• One common mode filters and two
ESD suppression devices integrated
• Ultra low profile as low as
0.68x0.55x0.35mm
• Ceramic multilayer type SMD
component
• Non-polarized product
• Conforming to RoHS directive
• ±15kV air, ±8kV contact ESD
protection (IEC 61000-4-2 Level 4)
• High temperature soldering
guaranteed: 260°C/10 seconds
Applications
− Mobile Phone and Tablet
• USB 3.1 Gen 1 and 2 (5 and 10Gbps)
with Type C
• Display Port 1.2 (5.4Gbps)
• HDMI 2.0 (6.0Gbps)
• MDDI, MIPI, MHL
− Portable/Wearable Devices
• Game console, POS, VR, Dongle
− Consumer Products
• PDP, LCD TV, DVD Player, PC, Audio
player, DSC, Set top box, Laptop,
SSD, Home Automation, IoT module
Pinout
0605mm Size
1210mm Size
0806mm Size
Item
Description
Source
Equipment
Rdc
Pin 1-4, 2-3
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 3-4(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 5 or 6 to
Pin 1,2,3,4
5V DC
Source
Source Meter
IR
CR
Pin 1-2 or
Pin 3-4
5V DC
Source
Source Meter
Item
Description
Source
Equipment
Rdc
Pin 1-3, 2-4
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 3-4(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 5 or 6 to
Pin 1,2,3,4
5V DC
Source
Source Meter
IR
CR
Pin 1-2 or
Pin 3-4
5V DC
Source
Source Meter
Item
Description
Source
Equipment
Rdc
Pin 1-4, 2-3
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 3-4(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 5 or 6 to
Pin 1,2,3,4
5V DC
Source
Source Meter
IR
CR
Pin 1-2 or
Pin 3-4
5V DC
Source
Source Meter
Common Mode Noise Filter
LCFE Series
Pin1
Pin2
Pin3
Pin6
Pin5
Pin4
Pin1
Pin2
Pin3
Pin6
Pin5
Pin4
Pin1
Pin2
Pin3
Pin6
Pin5
Pin4


Similar Part No. - LCFE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA121002A900TG LITTELFUSE-LCFEA121002A900TG Datasheet
1Mb / 8P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA201202A900TG LITTELFUSE-LCFEA201202A900TG Datasheet
1Mb / 8P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA201204A101TG LITTELFUSE-LCFEA201204A101TG Datasheet
1Mb / 8P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
More results

Similar Description - LCFE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
This specification covers the performance requirements for silicon, general purpose,
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance...
logo
ON Semiconductor
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
logo
List of Unclassifed Man...
ELC09D102F ETC-ELC09D102F Datasheet
258Kb / 7P
This specification covers the CHOKE COIL
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
This specification covers the requirements for application of CHAMP Cable Connectors
logo
Littelfuse
LCF LITTELFUSE-LCF Datasheet
5Mb / 18P
LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
LCFA LITTELFUSE-LCFA Datasheet
1Mb / 7P
LCFA Series cover the engineering requirements of Common Mode Noise Filter
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com