Electronic Components Datasheet Search
  English  ▼

X  

LCFE Datasheet(PDF) 13 Page - Littelfuse

Part # LCFE
Description  This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCFE Datasheet(HTML) 13 Page - Littelfuse

Back Button LCFE Datasheet HTML 9Page - Littelfuse LCFE Datasheet HTML 10Page - Littelfuse LCFE Datasheet HTML 11Page - Littelfuse LCFE Datasheet HTML 12Page - Littelfuse LCFE Datasheet HTML 13Page - Littelfuse LCFE Datasheet HTML 14Page - Littelfuse LCFE Datasheet HTML 15Page - Littelfuse LCFE Datasheet HTML 16Page - Littelfuse LCFE Datasheet HTML 17Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
littelfuse.com
© 2018 Littelfuse
Revised: 03/01/18
Specifications are subject to change without notice.
Dimensions
Recommended Footprint and Stencil Mask
Recommended Footprint and Stencil Mask
Unit = mm
Unit = mm
Stencil MaskT = 0.10mm
2012mm Size (LCFE201202A900TG, LCFE201202A121TG)
2012mm Size (LCFE201204A101TG)
3008mm Size
Common Mode Noise Filter
LCFE Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com