Electronic Components Datasheet Search
  English  ▼

X  

EN29F010 Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN29F010
Description  1 Megabit (128K x 8-bit) 5V Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F010 Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN29F010 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
2
EN29F010
Rev. A, Issue Date: 2003/10/20
TABLE 1. PIN DESCRIPTION
FIGURE 1. LOGIC DIAGRAM
Pin Name
Function
A0-A16
Addresses
DQ0-DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
Vcc
Supply Voltage
(5V
± 10% )
Vss
Ground
TABLE 2. SECTOR ARCHITECTURE
Sector
ADDRESSES
SIZE (Kbytes)
A16
A15
A14
7
1C000h - 1FFFFh
16
1
1
1
6
18000h – 1BFFFh
16
1
1
0
5
14000h – 17FFFh
16
1
0
1
4
10000h – 13FFFh
16
1
0
0
3
0C000h – 0FFFFh
16
0
1
1
2
08000h – 0BFFFh
16
0
1
0
1
04000h - 07FFFh
16
0
0
1
0
00000h - 03FFFh
16
0
0
0
EN29F010
8
DQ0 - DQ7
A0 - A16
17
Vcc
WE
CE
OE
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com