Electronic Components Datasheet Search
  English  ▼

X  

EN29F010 Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN29F010
Description  1 Megabit (128K x 8-bit) 5V Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F010 Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN29F010 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 15Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 16Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
13
EN29F010
Rev. A, Issue Date: 2003/10/20
completed the program or erase operation. If it is still toggling, the device did not complete the operation
successfully, and the system must write the reset command to return to reading array data.
The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5 has
not gone high. The system may continue to monitor the toggle bit and DQ5 through successive read
cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to
perform other system tasks. In this case, the system must start at the beginning of the algorithm when it
returns to determine the status of the operation (top of Flowchart 6).
Table 6. Status Register Bits
DQ
Name
Logic Level
Definition
‘1’
Erase Complete or
erase Sector in Erase suspend
‘0’
Erase On-Going
DQ7
Program Complete or
data of non-erase Sector during Erase Suspend
7
DATA
POLLING
DQ7
Program On-Going
‘-1-0-1-0-1-0-1-’
Erase or Program On-going
DQ6
Read during Erase Suspend
6
TOGGLE
BIT
‘-1-1-1-1-1-1-1-‘
Erase Complete
‘1’
Program or Erase Error
5
ERROR BIT
‘0’
Program or Erase On-going
‘-1-0-1-0-1-0-1-’
Chip Erase, Erase or Erase suspend on
currently addressed
Sector. (When DQ5=1, Erase Error due to
currently addressed Sector. Program during
Erase Suspend on-going at current address
2
TOGGLE
BIT
DQ2
Erase Suspend read on
non Erase Suspend Sector
Notes:
DQ7
DATA Polling: indicates the P/E status check during Program or Erase, and on completion before checking bits DQ5
for Program or Erase Success.
DQ6 Toggle Bit: remains at constant level when P/E operations are complete or erase suspend is acknowledged.
Successive reads output complementary data on DQ6 while programming or Erase operation are on-going.
DQ5 Error Bit: set to “1” if failure in programming or erase
DQ2 Toggle Bit: indicates the Erase status and allows identification of the erased Sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com