Electronic Components Datasheet Search
  English  ▼

X  

EN29F010 Datasheet(PDF) 21 Page - Eon Silicon Solution Inc.

Part # EN29F010
Description  1 Megabit (128K x 8-bit) 5V Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F010 Datasheet(HTML) 21 Page - Eon Silicon Solution Inc.

Back Button EN29F010 Datasheet HTML 17Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 18Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 19Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 20Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 21Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 22Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 23Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 24Page - Eon Silicon Solution Inc. EN29F010 Datasheet HTML 25Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
21
EN29F010
Rev. A, Issue Date: 2003/10/20
Table 7. DC Characteristics
(Ta = 0°C to 70°C or - 40°C to 85°C; VCC = 5.0V ± 10%)
Symbol
Parameter
Test Conditions
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ Vcc
±5
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ Vcc
±5
µA
ICC1
Supply Current (read) TTL Byte
CE = VIL; OE = VIH;
f = 6MHz
30
mA
ICC2
Supply Current (Standby) TTL
CE = VIH
1.0
MA
ICC3
Supply Current (Standby) CMOS
CE = Vcc ± 0.3V
5.0
µA
ICC4
Supply Current (Program or Erase)
Byte program, Sector or Chip
Erase in progress
30
mA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
2
Vcc +
0.5
V
VOL
Output Low Voltage
IOL = 2 mA
0.45
V
VOH
Output High Voltage TTL
IOH = -2.5 mA
2.4
V
Output High Voltage CMOS
IOH = -100 µA
Vcc -
0.4V
V
VID
A9 Voltage (Electronic Signature)
10.5
11.5
V
ILIT
A9 Current (Electronic Signature)
A9 = VID
100
µA
VLKO
Supply voltage (Erase and
Program lock-out)
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com