Electronic Components Datasheet Search
  English  ▼

X  

BL9313 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL9313
Description  3A, 18V Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9313 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL9313 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BL9313
www.belling.com.cn
4
V1.0
PIN DESCRIPTION
Pin No.
Name
Description
1
BST
Boostrap pin for top switch. A 0.1uF or larger capacitor should be connected between
this pin and the SW pin to supply current to the top switch and top switch driver.
2
GND
Power ground pin.
3
FB
Output feedback pin. FB senses the output voltage and is regulated by the control loop
to 0.6V. Connect a resistive divider at FB.
4
EN
Drive EN pin high to turn on the regulator and low to turn off the regulator.
5
IN
Input voltage pin. VIN supplies power to the IC. Connect a 4.5V to 18V supply to VIN and
bypass VIN to GND with a suitably large capacitor to eliminate noise on the input to the
IC.
6
SW
SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load.
BLOCK DIAGRAM
+
-
+
0.6V
FB
+
-
+
-
+
Oscillator
Current
Ramp
CLK
Current
Sensor
-
Current
Sensor
+
Error
Amplifier
Current
Comparator
Logic
Control
3.3V LDO
+
-
EN
1.2V
VIN
BST
SW
GND
3.3V
Internal
SoftStart



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com