Electronic Components Datasheet Search
  English  ▼

X  

BL9313 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL9313
Description  3A, 18V Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9313 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL9313 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BL9313
www.belling.com.cn
2
V1.0
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATING1)
VIN, EN, SW PIN ....................................................................................................................-0.3V to 19V
BST PIN
..................................................................................................................SW-0.3V to SW+6V
FB PIN
................................................................................................................................ -0.3V to 2.5V
Junction Temperature
2) 3)...................................................................................................................150ºC
Lead Temperature .............................................................................................................................260ºC
Storage Temperature........................................................................................................ -65ºC to +150ºC
RECOMMENDED OPERATING CONDITIONS
Input Voltage VIN......................................................................................................................4.5V to 18V
Output voltage Vout
............................................................................................................0.8V to 16.2V
Junction Temperature (TJ)...................................................................................................-40ºC to 125ºC
THERMAL PERFORMANCE4)
θJA
θJc
TSOT23-6 ............................................................................................................................110....55ºC/W
Note
:
1)
Exceeding these ratings may damage the device.
2)
The BL9313 guarantees robust performance from -40°C to 150°C junction temperature. The junction temperature
range specification is assured by design, characterization and correlation with statistical process controls.
3)
The BL9313 includes thermal protection that is intended to protect the device in overload conditions. Thermal
protection is active when junction temperature exceeds the maximum operating junction temperature. Continuous
operation over the specified absolute maximum operating junction temperature may damage the device.
4)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com