Electronic Components Datasheet Search
  English  ▼

X  

BL9313 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL9313
Description  3A, 18V Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9313 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL9313 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9313 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BL9313
3A, 18V Synchronous
Step-Down Converter
www.belling.com.cn
1
V1.0
DESCRIPTION
The BL9313 is a current mode monolithic buck
voltage converter. Operating with an input range
of
4.5V-18V,
the
BL9313
delivers
3A
of
continuous output current with two integrated
N-Channel MOSFETs. At light loads, regulators
operate in low frequency to maintain high
efficiency and low output ripple.
The BL9313 guarantees robustness with over
current protection, thermal protection,
start-up
current run-away protection, and input under
voltage lockout.
The BL9313 is available in a 6-pin TSOT23-6
package, which provides a compact solution with
minimal external components.
FEATURES
4.5V to 18V operating input range
3A output current
Up to 95% efficiency
High efficiency at light load
Fixed 420kHz Switching frequency
Input under voltage lockout
Start-up current run-away protection
Over current protection
Thermal protection
Available in TSOT23-6 package
APPLICATIONS
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Green Electronics/ Appliances
Notebook Computers
TYPICAL APPLICATION


Similar Part No. - BL9313

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
1.5 MHz, 1A Synchronous Buck Converter
BL9315 BELLING-BL9315 Datasheet
358Kb / 7P
5V 3.0A 1.5MHz Synchronous Buck Converter
More results

Similar Description - BL9313

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com