Electronic Components Datasheet Search
  English  ▼

X  

MSKW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MSKW
Description  5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSKW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MSKW Datasheet HTML 1Page - Wall Industries,Inc. MSKW Datasheet HTML 2Page - Wall Industries,Inc. MSKW Datasheet HTML 3Page - Wall Industries,Inc. MSKW Datasheet HTML 4Page - Wall Industries,Inc. MSKW Datasheet HTML 5Page - Wall Industries,Inc. MSKW Datasheet HTML 6Page - Wall Industries,Inc. MSKW Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MSKW Series
5 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev A
FEATURES
● SMT Technology
● High Power Density
● Efficiency up to 85%
● 1500VDC I/O Isolation
● Short Circuit Protection
● Remote ON/OFF Control
● MTBF > 1,000,000 Hours
● Industry Standard Pin-out
● 2:1 Wide Input Voltage Range
● EMI Complies with EN55022 Class A
● Operating Temperature: -40°C to +71°C
SPECIFICATIONS: MSKW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage Range
12V nominal input models
9
12
18
VDC
24V nominal input models
18
24
36
48V nominal input models
36
48
75
Start Voltage
12V nominal input models
7.5
8
9
VDC
24V nominal input models
14
16
18
48V nominal input models
30
33
36
Under Voltage Shutdown
12V nominal input models
6.5
7
8
VDC
24V nominal input models
13
15
17
48V nominal input models
28
31
34
Input Surge Voltage (1000ms)
12V nominal input models
-0.7
25
VDC
24V nominal input models
-0.7
50
48V nominal input models
-0.7
100
Reverse Polarity Input Current
All models
1
A
Input Filter
All models
Pi Filter
Reflected Ripple Current
See Rating Chart
Short Circuit Input Power
All models
1000
3000
mW
OUTPUT (Vo)
Output Voltage
See Rating Chart
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Load Regulation
Io = 20% to 100%
±0.3
±1.0
Line Regulation
Vin = min. to max.
±0.1
±0.3
%
Output Power
5
W
Output Current
See Rating Chart
Ripple & Noise (20MHz)
50
85
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
100
mVpk-pk
Ripple & Noise (20MHz)
15
mVrms
Transient Response Deviation
25% Load Step Change
±2
±6
%
Transient Recovery Time
25% Load Step Change
250
500
μs
REMOTE ON/OFF CONTROL
Supply On
2.5 to 5.5VDC or open circuit
Supply Off
-0.7
0.8
VDC
Device Standby Input Current
10
mA
Control Input Current (ON)
Vin = min to max
-200
μA
Control Input Current (OFF)
Vin = min to max
-300
μA
Control Common
Referenced to negative input
PROTECTION
Short Circuit Protection
continuous
Over Power Protection
115
140
165
%
Input Fuse Recommendation
12V nominal input models
1500mA slow-blow type
24V nominal input models
700mA slow-blow type
48V nominal input models
350mA slow-blow type
GENERAL
Efficiency
See Rating Chart
Switching Frequency
200
260
350
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
650
750
pF
Internal Power Dissipation
2500
mW
Max. Capacitive Load
See Rating Chart
DESCRIPTION
The MSKW series of DC/DC converters provide a maximum of 5 watts in a
“gull-wing” SMT package. These converters operate over 2:1 wide input
voltage ranges of 9-18, 18-36, or 36-75VDC. This series also has single
output voltages of 3.3, 5, 12, and 15VDC and dual output voltages of ±5,
±12, and ±15VDC. These converters have a typical full load efficiency of
85%, remote ON/OFF, and continuous short circuit protection. The
-40°C~+71°C operating temperature make these converters ideal for data
communication equipment, mobile battery driven equipment, process/machine
control equipment, telecommunication equipment, computer peripheral systems,
distributed power systems, mixed analog/digital subsystems, and industrial robot systems. The
EN55022 Class A conducted noise compliance minimizes design time, cost, and eliminates the need
for external filter components.


Similar Part No. - MSKW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
5 Watt DC/DC Converter
MSKW12D12W5 WALL-MSKW12D12W5 Datasheet
226Kb / 7P
5 Watt DC/DC Converter
MSKW12D15W5 WALL-MSKW12D15W5 Datasheet
226Kb / 7P
5 Watt DC/DC Converter
MSKW12D5W5 WALL-MSKW12D5W5 Datasheet
226Kb / 7P
5 Watt DC/DC Converter
MSKW12S12W5 WALL-MSKW12S12W5 Datasheet
226Kb / 7P
5 Watt DC/DC Converter
More results

Similar Description - MSKW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com