Electronic Components Datasheet Search
  English  ▼

X  

MSKW Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # MSKW
Description  5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSKW Datasheet(HTML) 6 Page - Wall Industries,Inc.

  MSKW Datasheet HTML 1Page - Wall Industries,Inc. MSKW Datasheet HTML 2Page - Wall Industries,Inc. MSKW Datasheet HTML 3Page - Wall Industries,Inc. MSKW Datasheet HTML 4Page - Wall Industries,Inc. MSKW Datasheet HTML 5Page - Wall Industries,Inc. MSKW Datasheet HTML 6Page - Wall Industries,Inc. MSKW Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MSKW Series
5 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev A
DESIGN & FEATURE CONSIDERATONS
Over Current Protection
To provide protection in a fault (output over load) condition the unit is equipped with internal current limiting circuitry and can
endure current limiting for an unlimited duration. At the point of current limit inception the unit shifts from voltage control to
current control. The unit operates normally once the output current is brought back to its specified range.
Input Source / Remote On/Off
Positive logic remote on/off turns the module ON during a logic high voltage on the remote on/off pin, and turns the module
OFF during a logic low voltage on the remote on/off pin. To turn the power module ON and OFF, the user must supply a
switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or
equivalent.
A logic low is –0.7V to 0.8V.
A logic high is 2.5V to 5.5V.
The maximum sink current
of the switch at the on/off terminal during a logic low is 300μA. The maximum sink current of the
switch at the on/off terminal = 2.5 to 5.5V is 200μA or open.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may
be necessary to use a capacitor at the input to ensure startup. A capacitor mounted close to the power module helps ensure
stability of the
unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100KHz)
capacitor of 3.3μF for the 12V input models and a 2.2μF for the 24V and 48V input models.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Maximum Capacitive Load
The MSKW series has a limit of maximum connected capacitance at the output. The power module may be operated in
current limiting mode during start-up, affecting the ramp-up and the startup time. For optimal performance we recommend
100μF maximum capacitive load for dual outputs and 680μF capacitive load for single outputs. The maximum capacitance
can be found in the Output Voltage / Current Rating Chart.
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured
with an inductor Lin (4.7μH) and Cin (220μF, ESR < 1.0Ω at 100KHz) to simulate
source impedance.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0 ~ 500KHz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com