Electronic Components Datasheet Search
  English  ▼

X  

MSKW Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # MSKW
Description  5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSKW Datasheet(HTML) 5 Page - Wall Industries,Inc.

  MSKW Datasheet HTML 1Page - Wall Industries,Inc. MSKW Datasheet HTML 2Page - Wall Industries,Inc. MSKW Datasheet HTML 3Page - Wall Industries,Inc. MSKW Datasheet HTML 4Page - Wall Industries,Inc. MSKW Datasheet HTML 5Page - Wall Industries,Inc. MSKW Datasheet HTML 6Page - Wall Industries,Inc. MSKW Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MSKW Series
5 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev A
MECHANICAL DRAWING
Unit: inches (mm)
CONNECTING PIN PATTERNS
Top View (2.54mm / 0.1 inch grids)
1. Tolerance: X.X±0.25 [X.XX±0.01]
X.XX±0.13 [X.XXX±0.005]
2. Pin: ±0.05 [±0.002]
PIN CONNECTIONS
PIN
Single Output
Dual Output
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
10
NC
NC
11
NC
-Vout
12
NC
NC
13
NC
NC
14
+Vout
+Vout
15
NC
NC
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
24
NC
NC
NC: No Connection
Unit: inches (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com