Electronic Components Datasheet Search
  English  ▼

X  

KA337 Datasheet(PDF) 5 Page - ON Semiconductor

Part # KA337
Description  3-Terminal 1.5 A Negative Adjustable Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA337 Datasheet(HTML) 5 Page - ON Semiconductor

  KA337 Datasheet HTML 1Page - ON Semiconductor KA337 Datasheet HTML 2Page - ON Semiconductor KA337 Datasheet HTML 3Page - ON Semiconductor KA337 Datasheet HTML 4Page - ON Semiconductor KA337 Datasheet HTML 5Page - ON Semiconductor KA337 Datasheet HTML 6Page - ON Semiconductor KA337 Datasheet HTML 7Page - ON Semiconductor KA337 Datasheet HTML 8Page - ON Semiconductor KA337 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA337 / LM337 Rev. 1.1.1
4
Typical Performance Characteristics
Figure 8. Noise Voltage vs. Temperature
Figure 9. Ripple Rejection vs. Temperature
Figure 10. Short-Circuit Currents vs. Temperature
Figure 11. Peak Current vs. Temperature
0
10
20
30
40
50
60
70
80
10
100
1000
10
4
-45
-25
0
25
55
85
100
125
V
I
-V
O
= 5V
Bandwidth Frequency (Hz)
50
55
60
65
70
75
80
-40
-20
0
20
40
60
80
100
120
w/o C
ADJ
with C
ADJ
V
OUT
= -10 V
C
ADJ
= 10
μF
Datasheet specs w/o C
ADJ
Min:
Typ: 60 dB
Max:
with C
ADJ
Min: 66 dB
Typ: 77 dB
Max:
T
A
- Temperature[
oC]
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40
-20
0
20
40
60
80
100
120
V
I
- V
O
= 40 V
V
OUT
= GND
Test specs at 25
oC [%]
Min: 0.08 A
Typ: 0.25 A
Max: 0.9 A
T
A
- Temperature[
oC]
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20
40
60
80
100
120
Test specs at 25
oC
Min: 1.5 A
Typ: 2.5 A
Max: 3.5 A
V
I
- V
O
= 5 V
T
A
- Temperature[
oC]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com