Electronic Components Datasheet Search
  English  ▼

X  

KA337 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA337
Description  3-Terminal 1.5 A Negative Adjustable Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA337 Datasheet(HTML) 2 Page - ON Semiconductor

  KA337 Datasheet HTML 1Page - ON Semiconductor KA337 Datasheet HTML 2Page - ON Semiconductor KA337 Datasheet HTML 3Page - ON Semiconductor KA337 Datasheet HTML 4Page - ON Semiconductor KA337 Datasheet HTML 5Page - ON Semiconductor KA337 Datasheet HTML 6Page - ON Semiconductor KA337 Datasheet HTML 7Page - ON Semiconductor KA337 Datasheet HTML 8Page - ON Semiconductor KA337 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA337 / LM337 Rev. 1.1.1
September 2014
KA337 / LM337
3-Terminal 1.5 A Negative Adjustable Regulator
Features
• Output-Current in Excess of 1.5 A
• Output-Adjustable Between -1.25 V and -37 V
• Internal Thermal Overload Protection
• Internal Short-Circuit Current Limiting
• Output-Transistor Safe Area Compensation
• Floating Operation for High-Voltage Applications
• Standard 3-Pin TO-220 Package
Ordering Information
Block Diagram
Figure 1. Block Diagram
Product Number
Package
Packing Method
Operating Temperature
KA337TU
TO-220 (Dual Gauge)
Rail
0
°C to +125°C
LM337T
TO-220 (Single Gauge)
1
Voltage
Reference
-
+
2
Protection
Circuitry
3
Output
Input
Vadj
Description
The KA337 / LM337 are 3-terminal negative adjustable
regulators. They supply in excess of 1.5 A over an output
voltage range of -1.25 V to -37 V. These regulators
require only two external resistors to set the output volt-
age and employ current limiting, thermal overload protec-
tion, and safe area compensation.
TO-220
1. Adj 2. Input 3. Output
1
Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com