Electronic Components Datasheet Search
  English  ▼

X  

KA337 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KA337
Description  3-Terminal 1.5 A Negative Adjustable Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA337 Datasheet(HTML) 6 Page - ON Semiconductor

  KA337 Datasheet HTML 1Page - ON Semiconductor KA337 Datasheet HTML 2Page - ON Semiconductor KA337 Datasheet HTML 3Page - ON Semiconductor KA337 Datasheet HTML 4Page - ON Semiconductor KA337 Datasheet HTML 5Page - ON Semiconductor KA337 Datasheet HTML 6Page - ON Semiconductor KA337 Datasheet HTML 7Page - ON Semiconductor KA337 Datasheet HTML 8Page - ON Semiconductor KA337 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA337 / LM337 Rev. 1.1.1
5
Typical Application
Figure 12. Typical Application
Notes:
3. CI is required if regulator is located more then 4 inches from power supply filter.
1.0
μF solid tantalum or 10 μF aluminum electrolytic is recommended.
4. CO is necessary for stability. 1.0 μF solid tantalum or 10 μF aluminum electrolytic is recommended.
VO = -1.25 V (1 + R2 / R1).
-VO
-VI
+
Co
(4)
1
μF
CI
(3)
R2
R1
Iadj
VI
VO
+
IPROG
Vadj
KA337 / LM337
1
μF
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com