Electronic Components Datasheet Search
  English  ▼

X  

BL1085 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL1085
Description  3A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1085 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL1085 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.belling.com.cn
4
BL1085
Vin-Vout
Dropout Voltage
(note 3)
ΔV
out, ΔVref =1%,Iout=3A
1.4
V
Ilimit
Current Limit
Vin-Vout=3V, Tj=25℃
7
A
Minimum
Load Current
(note 4)
BL1085-ADJ
3
10
mA
Iq
Quiescent
Current
Vin=10V
5
10
mA
IAdj
Adjust Pin Current
(Adjustable Version)
2.85V ≤Vin≤4.25V, 10mA≤ Iout≤3A
45
120
uA
Ripple
Rejection
F=120Hz,Cout=25uF( tan),
Iout=3A,Vin-Vout=3V
60
dB
Ichange
Adjust Pin
Current
Change
10mA≤Iout≤3A
1.5V≤Vin-Vout ≤6V
0.4
10
µA
Temperature
Stability
Iout=10mA,
Vin-Vout=1.5V
0.5
%
JC
Thermal
Resistance
junction to case
TO-252
TO-263
TO-220
12.5
3
3
℃ / W
OTP
Over
Temperature
Protection
150
℃
Note1: Line Regulation and Load Regulation in Table1 are tested under constant junction temperature.
Note2: When load current varies between 0~3A and Vin-Vout ranges from 1.5V~6V at constant junction
temperature, the parameter is satisfied the criterion in table. If temperature varies between -40℃≤TA≤85℃,
it needs output current to be larger than 10mA to satisfy the criterion.
Note3: Dropout Voltage is the voltage difference between the input and output pin when the input voltage is
minimum to maintain the lowest spec output voltage.
Dropout Voltage is the voltage difference between the input and output pin under Iout=3A and the following
test condition:
1) Find out output voltage value ( denoted as Vout1) when Vin1=Vout+1.5V
2) Decrease input voltage until output voltage is equal to 98.5% of Vout1, and denote the Vin and Vout as
Vin2 and Vout2.
3) Vdropout=Vin2-Vout2.
Note4: Minimum Load Current is defined as the minimum output current necessary to maintain regulation.
Specified output accuracy can be met when the output current exceeds the minimum load current (10mA)
and the dropout voltage (Vin-Vout) lies between 1.5V and 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com