Electronic Components Datasheet Search
  English  ▼

X  

BL1085 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL1085
Description  3A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1085 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL1085 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.belling.com.cn
1
3A Bipolar Linear Regulator
BL1085
DESCRIPTION
BL1085 is a series of low dropout three
terminal regulators with a typical dropout
voltage of 1.4V at 3A load current.
Other than fixed voltage versions (1.8V, 2.5V,
3.3V, 5.0V), BL1085 has an adjustable
voltage version, with which desired voltage
can be achieved by setting the values of two
external resistors of the application circuitry.
BL1085 offers thermal shut down and current
limit functions to assure the stability of chip
and power system.
BL1085
series
is
available
in
standard
packages of TO-263-2L, TO-263-3L, TO-220
and TO-252.
FEATURES
 Fixed and adjustable versions.
 Maximum output current : 3A
 Maximum input voltage: 15V
Line regulation: 0.2% (Typical)
 Load regulation: 0.2% (Typical)
 On-Chip Thermal Shutdown
Operation environment Temperature: -10℃
~ 85℃
APPLICATIONS
 Power Management for Computer Mother
Board, Graphic Card
 Battery Charger
 Post Regulators for Switching Supplies
 Microprocessor Supply
TYPICAL APPLICATION
ELECTRICAL CHARACTERISTICS
Fig 1. BL1085 fixed version Application circuit
NOTE: Input capacitor (Cin=10uF) and Output
capacitor (Cout=22uF) are recommended in all
application circuit. Tantalum capacitor is
preferred.
Fig 2. Dropout Voltage VS. Output Current
BL1085
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0.5
1.5
2.5
3.5
4.5
Iout(A)


Similar Part No. - BL1085

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1085 BELLING-BL1085 Datasheet
1Mb / 14P
3A LOW DROPOUT LINEAR REGULATOR
BL1085-18CS BELLING-BL1085-18CS Datasheet
1Mb / 14P
3A LOW DROPOUT LINEAR REGULATOR
BL1085-18CS1 BELLING-BL1085-18CS1 Datasheet
1Mb / 14P
3A LOW DROPOUT LINEAR REGULATOR
BL1085-18CY BELLING-BL1085-18CY Datasheet
1Mb / 14P
3A LOW DROPOUT LINEAR REGULATOR
BL1085-18CZ BELLING-BL1085-18CZ Datasheet
1Mb / 14P
3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - BL1085

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
3A Adjustable Linear Regulator
Rev. 9/17/97
logo
ELM Technology Corporat...
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
Bipolar 3A LDO Voltage regulator
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
Bipolar 3A LDO Voltage regulator
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084 Datasheet
677Kb / 13P
5A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
1A Bipolar Linear Regulator
VER 1.2
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
1A Bipolar Linear Regulator
2014/12/23
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084_13 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
800mA Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
800mA Bipolar Linear Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com