Electronic Components Datasheet Search
  English  ▼

X  

BL1085 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL1085
Description  3A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1085 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL1085 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1085 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.belling.com.cn
2
BL1085
ORDERING INFORMATION
BL1085
□
1
□
2
□
3
Code
Description
□
1
Output voltage:
e.g. 18=1.8V
33=3.3V
Default=Adjustable Version
□
2
Temperature&Rohs:
C: -40~85
C ,Pb Free Rohs Std.
□
3
Package type:
Y:TO-252
S:TO-263-2L
S1:TO-263-3L
Z:TO-220-3L
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
15V
Operating Junction
Temperature(Tj)
150
C
Ambient Temperature(Ta)
-40
C –85C
Package
Thermal
Resistance
TO-252
6℃ / W
TO-263
3℃ / W
TO-220
3℃ / W
Storage Temperature(Ts)
-40
C -150C
Lead Temperature & Time
260
C,10S
PIN CONFIGURATION
Pin Description:
Fixed Version
Pin No.
Symbol
Definition
1
GND
Ground
2
Vout
Output
3
Vin
Input
Adjustable Version
Note:
Exceed these limits to damage to the device. Exposure
to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max.15V
Operating Junction
Temperature(Tj)
-10
C –125C
Pin No.
Symbol
Definition
1
Adj.
Adjustable
2
Vout
Output
3
Vin
Input
Marking information:
A:Means assembly year and weeks
Year
2010
2011
2012
2013
…
Y
0
1
2
3
…
Week
1
2
…
26
27
…
52
53
W
A
B
…
Z
…
A
B:Means Manufacture LOT No.
C:Means Output Voltage Value
D:Means Temp. Range&Rohs Std



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com