Electronic Components Datasheet Search
  English  ▼

X  

DS2117M Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2117M
Description  Ultra3 LVD/SE SCSI Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2117M Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS2117M Datasheet HTML 1Page - Dallas Semiconductor DS2117M Datasheet HTML 2Page - Dallas Semiconductor DS2117M Datasheet HTML 3Page - Dallas Semiconductor DS2117M Datasheet HTML 4Page - Dallas Semiconductor DS2117M Datasheet HTML 5Page - Dallas Semiconductor DS2117M Datasheet HTML 6Page - Dallas Semiconductor DS2117M Datasheet HTML 7Page - Dallas Semiconductor DS2117M Datasheet HTML 8Page - Dallas Semiconductor DS2117M Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS2117M
6 of 9
PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1VREF
Reference Voltage. 2.85 volt reference in SE mode and 1.25 volt
reference in LVD mode; must be decoupled with a 4.7 µF cap.
2, 3
NC
No Connect. Do not connect these pins.
4-7, 11-16,
22-25, 29-32
RxP
RxN
Signal Termination. Connect to SCSI bus signal lines.
8, 10, 26,
9, 28, 27
HS GND
Heat Sink Ground. Internally connected to the mounting pad. Should
be grounded.
17
ISO
Isolation. When pulled high, the DS2117M isolates its bus pins (RxP,
RxN) from the SCSI bus.
18
GND
Ground. Signal ground; 0.0 volts.
19
MSTR/SLV
Master/slave. Mode select for the non-controlling terminator. When
pulled high (MSTR), the DIFFSENSE driver is enabled.
20
DIFFSENSE
DIFFSENSE. Output to drive the SCSI bus DIFFSENS line.
21
DIFF_CAP
DIFFSENSE CAPACITOR. Connect 0.1 µF capacitor for
DIFFSENSE filter. Input to detect the type of device (differential or
single-ended) on the SCSI bus.
33
SE
Single-ended. SE output of DIFFSENSE receiver; output high
indicates SE bus operation.
34
LVD
Low Voltage Differential. LVD output of DIFFSENSE receiver;
output high indicates LVD bus operation.
35
HVD
High Voltage Differential. HVD output of DIFFSENSE receiver;
output high indicates HVD bus operation or thermal shutdown.
36
TPWR
Termination Power. Connect to the SCSI TERMPWR line and
decouple with 2.2 µF capacitor.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Termpower Voltage
SE mode
LVD mode
Vtpwr(SE)
Vtpwr(LVD)
4.0
2.7
5.5
5.5
V
V
Logic 0
Vil
-0.3
+0.8
V
Logic 1
Vih
2.0
Vtpwr + 0.3
V
Operating Temperature
Vamb
070
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com