Electronic Components Datasheet Search
  English  ▼

X  

DS2117M Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2117M
Description  Ultra3 LVD/SE SCSI Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2117M Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS2117M Datasheet HTML 1Page - Dallas Semiconductor DS2117M Datasheet HTML 2Page - Dallas Semiconductor DS2117M Datasheet HTML 3Page - Dallas Semiconductor DS2117M Datasheet HTML 4Page - Dallas Semiconductor DS2117M Datasheet HTML 5Page - Dallas Semiconductor DS2117M Datasheet HTML 6Page - Dallas Semiconductor DS2117M Datasheet HTML 7Page - Dallas Semiconductor DS2117M Datasheet HTML 8Page - Dallas Semiconductor DS2117M Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS2117M
8 of 9
REGULATOR CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Line Regulation
LIREG
1.0
2.5
%
Load Regulation
LOREG
1.3
3.5
%
Current Limit
ILIM
550
mA
Sink Current
ISINK
200
mA
NOTES:
1. Vline = 0-3.0 volts.
2. Vline = 0.2 volts.
3. Guaranteed by design.
4. All lines open.
5. VOUT = 2.4 volts.
6. VOUT = 0.4 volts.
7. SE/LVD/HVD pins only.
8. MSTR/SLV = 1.
9. Ids = 0-5 mA.
10. Vdso = 0.0 volts.
11. Vdso = 2.75 volts.
12. TPWR = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com