Electronic Components Datasheet Search
  English  ▼

X  

DS2117M Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2117M
Description  Ultra3 LVD/SE SCSI Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2117M Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2117M Datasheet HTML 1Page - Dallas Semiconductor DS2117M Datasheet HTML 2Page - Dallas Semiconductor DS2117M Datasheet HTML 3Page - Dallas Semiconductor DS2117M Datasheet HTML 4Page - Dallas Semiconductor DS2117M Datasheet HTML 5Page - Dallas Semiconductor DS2117M Datasheet HTML 6Page - Dallas Semiconductor DS2117M Datasheet HTML 7Page - Dallas Semiconductor DS2117M Datasheet HTML 8Page - Dallas Semiconductor DS2117M Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
090199
FEATURES
Fully compliant with Ultra2, Ultra3, and
Ultra 160/m SCSI
Provides Multimode Low Voltage
Differential/Single-Ended (LVD/SE)
termination for 9 signal line pairs
Auto-selection of LVD or SE termination
5% tolerance on SE and LVD termination
resistance
Low power down capacitance of 3 pF
Onboard thermal shutdown circuitry
SCSI bus hot plug compatible
Fully supports actively negated SE SCSI
signals
PIN ASSIGNMENT
DESCRIPTION
The DS2117M Ultra3 LVD/SE SCSI Terminator is both a Low Voltage Differential (LVD) and Single-
Ended (SE) terminator. The multimode operation enables the designer to implement LVD in current
products while allowing the end-user SE backward compatibility with legacy devices. If the device is
connected in an LVD-only bus, the DS2117M will use LVD termination. If any SE devices are connected
to the bus, the DS2117M will use SE termination. This is accomplished automatically inside the part by
sensing the voltage on the SCSI bus DIFFSENS line.
For the LVD termination, the DS2117M integrates two current sources with nine precision resistor
strings. For the SE termination, one regulator and nine precision 110-ohm resistors are used. Three
DS2117M terminators are needed for a wide SCSI bus.
DS2117M
Ultra3 LVD/SE SCSI Terminator
www.dalsemi.com
32
35
34
33
31
30
29
28
27
26
25
24
LVD
SE
R9N
R8N
R8P
HS GND
HS GND
HS GND
R7N
R7P
R6N
R9P
NC
R1P
R1N
R2N
HS GND
HS GND
R3P
R3N
R4P
R4N
R2P
DS2117MB 36-Pin SSOP
36
23
VREF
NC
TPWR
HVD
HS GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
22
21
20
19
R5P
R5N
ISO
GND
DIFF_CAP
DIFFSENSE
MSTR/SLV
R6P


Similar Part No. - DS2117M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 112905
More results

Similar Description - DS2117M

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
DS2127 MAXIM-DS2127 Datasheet
114Kb / 6P
Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 1; 3/04
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 112905
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com