Electronic Components Datasheet Search
  English  ▼

X  

MCP73828 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73828 Datasheet HTML 5Page - Microchip Technology MCP73828 Datasheet HTML 6Page - Microchip Technology MCP73828 Datasheet HTML 7Page - Microchip Technology MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology MCP73828 Datasheet HTML 10Page - Microchip Technology MCP73828 Datasheet HTML 11Page - Microchip Technology MCP73828 Datasheet HTML 12Page - Microchip Technology MCP73828 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2002 Microchip Technology Inc.
DS21706A-page 9
MCP73828
4.0
DEVICE OVERVIEW
The MCP73828 is a linear charge management con-
troller. Refer to the functional block diagram on page 2
and the typical application circuit, Figure 6-1.
4.1
Charge Qualification and
Preconditioning
Upon insertion of a battery or application of an external
supply, the MCP73828 automatically performs a series
of safety checks to qualify the charge. The SHDN pin
must be above the logic high level, and the cell temper-
ature monitor must be within the upper and lower
threshold limits. The qualification parameters are con-
tinuously monitored. Deviation beyond the limits, auto-
matically suspends the charge cycle.
After the qualification parameters have been met, the
MCP73828 initiates a charge cycle. The charge com-
plete output, CD10, is pulled low throughout the pre-
conditioning and controlled current phases (see
Table 5-1 for charge complete outputs). If the cell volt-
age is below the preconditioning threshold, 2.4V typi-
cally, the MCP73828 preconditions the cell with a
scaled back current. The preconditioning current is set
to approximately 43% of the fast charge peak current.
The
preconditioning
safely
replenishes
deeply
depleted cells and minimizes heat dissipation in the
external pass transistor during the initial charge cycle.
4.2
Controlled Current Regulation - Fast
Charge
Preconditioning ends and fast charging begins when
the cell voltage exceeds the preconditioning threshold.
Fast charge utilizes a foldback current scheme based
on the voltage at the VSNS input developed by the drop
across an external sense resistor, RSENSE, and the out-
put voltage, VBAT. Fast charge continues until the cell
voltage reaches the regulation voltage, VREG.
4.3
Constant Voltage Regulation
When the cell voltage reaches the regulation voltage,
VREG, constant voltage regulation begins. The
MCP73828 monitors the cell voltage at the VOUT pin.
This input is tied directly to the positive terminal of the
battery. The MCP73828 is offered in two fixed-voltage
versions for battery packs with either coke or graphite
anodes:
4.1V
(MCP73828-4.1)
and
4.2V
(MCP73828-4.2).
4.4
Charge Cycle Completion
The charge cycle can be terminated by a host micro-
controller when the charge current has diminished
below approximately 10% of the peak output voltage
level. The charge complete output will go to a high
impedance state signaling when the charge can be ter-
minated. The charge is terminated by pulling the shut-
down pin, SHDN, to a logic Low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com